Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 26Page - Infineon Technologies AG C508 Datasheet HTML 27Page - Infineon Technologies AG C508 Datasheet HTML 28Page - Infineon Technologies AG C508 Datasheet HTML 29Page - Infineon Technologies AG C508 Datasheet HTML 30Page - Infineon Technologies AG C508 Datasheet HTML 31Page - Infineon Technologies AG C508 Datasheet HTML 32Page - Infineon Technologies AG C508 Datasheet HTML 33Page - Infineon Technologies AG C508 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
C508
Data Sheet
26
2000-08
outputs the high byte of the external memory address when the address is 16 bits wide.
Otherwise, the Port 2 pins continue emitting the P2 SFR contents. In this function, Port 0
is not an open-drain port, but uses a strong internal pullup FET.
Port 4 provides the analog input channels to the A/D converter.
Port Structures
The C508 generally allows digital I/O on 32 lines grouped into 4 bi-directional 8-bit ports
and analog/digital input on one uni-directional 8-bit port. Except for Port 4 which is the
uni-directional input port, each port bit consists of a latch, an output driver and an input
buffer. Read and write accesses to the I/O ports P0-P5 (except P4) are performed via
their corresponding special function registers.
When Port 4 is used as analog input, an analog channel is switched to the A/D converter
through a 3-bit multiplexer, which is controlled by three bits in SFR ADCON. Port 4 lines
may also be used as digital inputs. In this case they are addressed as an input port via
SFR P4. Since Port 4 has no internal latch, the contents of SFR P4 only depends on the
levels applied to the input lines. It makes no sense to output a value to these input-only
port by writing to the SFR P4. This will have no effect.
The parallel I/O ports of the C508 can be grouped into four different types which are
listed in Table 4.
Type A and B port pins are standard C501 compatible I/O port lines, which can be used
for digital I/O. Type A port (Port 0) is also designed for accessing external data or
program memory. Type B port lines are located at Port 2, Port 3 and Port 5 to provide
alternate functions for the serial interface, LED drive interface, PWM signals, or are used
as control outputs during external data memory accesses. Type C port (Port 4) provides
the analog input port. Type D port lines can be switched to push-pull drive capability
when they are used as compare outputs of the CAPCOM unit.
Table 4
C508 Port Structure Types
Type
Description
A
Standard digital I/O ports which can also be used for external address/data bus.
B
Standard multifunctional digital I/O port lines.
C
Digital/analog uni-directional input port.
D
Standard digital I/O with push-pull drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com