Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 42Page - Infineon Technologies AG C508 Datasheet HTML 43Page - Infineon Technologies AG C508 Datasheet HTML 44Page - Infineon Technologies AG C508 Datasheet HTML 45Page - Infineon Technologies AG C508 Datasheet HTML 46Page - Infineon Technologies AG C508 Datasheet HTML 47Page - Infineon Technologies AG C508 Datasheet HTML 48Page - Infineon Technologies AG C508 Datasheet HTML 49Page - Infineon Technologies AG C508 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
C508
Data Sheet
42
2000-08
10-Bit A/D Converter
The C508 provides an A/D converter with the following features:
• 8 input channels (Port 4) which can also be used as digital inputs
• 10-bit resolution
• Single or continuous conversion mode
• Interrupt request generation after each conversion
• Using successive approximation conversion technique via a capacitor array
• Built-in hidden calibration of offset and linearity errors
A/D Converter Clock Selection
The ADC uses two clock signals for operation: the conversion clock
fADC (= 1/tADC) and
the input clock
fIN (= 1/tIN). fADC is derived from the C508 system clock 2 × fOSC which
is twice the crystal frequency applied at the XTAL pins via the ADC clock prescaler as
shown in Figure 19. The input clock
fIN is equal to 2 × fOSC. The conversion clock fADC
is limited to a maximum frequency of 2 MHz. Therefore, the ADC clock prescaler must
be programmed to a value which assures that the conversion clock does not exceed 2
MHz. The prescaler ratio is selected by the bits ADCL1 and ADCL0 of SFR ADCON1.
.
Figure 19
A/D Converter Clock Selection
MUX
÷ 4
÷ 8
÷ 16
÷ 32
Conversion Clock
f
ADC
A/D
Converter
2
f
OSC
ADCL0
ADCL1
f
ADC max = 2 MHz
Condition:
f
IN = 2fOSC = 4 TCL
1)
f
ADC
[MHz]
MCB04102
Oscillator Clock
Rate (
f
OSC)
f
IN
[MHz]
Prescaller
Ratio
5 MHz
8 MHz
10 MHz
10
ADCL1
ADCL0
16
20
÷ 8
÷ 8
÷ 16
1.25
2
1.25
0
0
1
1
1
0
Input Clock
f
IN
1) Note: Please refer to AC characteristics in this document for the definition of TCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com