Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 76Page - Infineon Technologies AG C508 Datasheet HTML 77Page - Infineon Technologies AG C508 Datasheet HTML 78Page - Infineon Technologies AG C508 Datasheet HTML 79Page - Infineon Technologies AG C508 Datasheet HTML 80Page - Infineon Technologies AG C508 Datasheet HTML 81Page - Infineon Technologies AG C508 Datasheet HTML 82Page - Infineon Technologies AG C508 Datasheet HTML 83Page - Infineon Technologies AG C508 Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
C508
Data Sheet
76
2000-08
External Data Memory Characteristics
RD pulse width
tRLRH CC 120
–
6 TCL – 30 –
ns
WR pulse width
tWLWH CC 120
–
6 TCL – 30 –
ns
Address hold after ALE
tLLAX2 CC 35
–
2 TCL –15 –
ns
RD to valid data in
tRLDV SR –
75
–
5 TCL – 50 ns
Data hold after RD
tRHDX SR 0
–
0
–
ns
Data float after RD
tRHDZ SR –
38
–
2 TCL – 12 ns
ALE to valid data in
tLLDV SR –
150
–
8 TCL – 50 ns
Address to valid data in
tAVDV SR –
150
–
9 TCL – 75 ns
ALE to WR or RD
tLLWL CC 60
90
3 TCL – 15 3 TCL + 15 ns
Address valid to WR
tAVWL CC 70
–
4 TCL – 30 –
ns
WR or RD high to ALE high
tWHLH CC 10
40
TCL –15
TCL + 15
ns
Data valid to WR transition
tQVWX CC 5
–
TCL – 20
–
ns
Data setup before WR
tQVWH CC 125
–
7 TCL – 50 –
ns
Data hold after WR
tWHQX CC 5
–
TCL – 20
–
ns
Address float after RD
tRLAZ CC –
0
–
0
ns
1) Interfacing the C508 to devices with float times up to 20 ns is permissible. This limited bus contention will not
cause any damage to port 0 drivers.
AC Characteristics (cont’d)
(Operating conditions apply)
(
CL for Port 0, ALE and PSEN outputs = 100 pF; CL for all other outputs = 80 pF)
Parameter
Symbol
Limit Values
Unit
10-MHz
clock
Duty Cycle
0.5 to 0.5
Variable Clock
1/
4TCL = 5 MHz to
10 MHz
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com