Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 15Page - Infineon Technologies AG C508 Datasheet HTML 16Page - Infineon Technologies AG C508 Datasheet HTML 17Page - Infineon Technologies AG C508 Datasheet HTML 18Page - Infineon Technologies AG C508 Datasheet HTML 19Page - Infineon Technologies AG C508 Datasheet HTML 20Page - Infineon Technologies AG C508 Datasheet HTML 21Page - Infineon Technologies AG C508 Datasheet HTML 22Page - Infineon Technologies AG C508 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
C508
Data Sheet
15
2000-08
Reset and System Clock Operation
The reset input is an active high input. Since the reset is synchronized internally, the
RESET pin must be held high for at least two machine cycles (6 oscillator periods) while
the oscillator is running. During reset, pins ALE and PSEN are configured as inputs and
should not be stimulated externally. (External stimulation at these lines during reset
activates several reserved test modes. This, in turn, may cause unpredictable output
operations at several port pins).
At the reset pin, a pull-down resistor is internally connected to
VSS to allow a power-up
reset with an external capacitor only. An automatic power-up reset can be obtained,
when
VDD is applied, by connecting the reset pin to VDD via a capacitor. After VDD has
been turned on, the capacitor must hold the voltage level at the reset pin for a specific
time to effect a complete reset.
The time required for a reset operation includes the oscillator start-up time, the PLL lock
time and the time for 2 machine cycles, which must be at least 10 - 20 ms, under normal
conditions. This requirement is typically met using a capacitor of 4.7 to 10
µF. The same
considerations apply if the reset signal is generated externally. In each case, it must be
assured that the oscillator has started up properly and that at least two machine cycles
have passed before the reset signal goes inactive. Figure 7 shows the possible reset
circuitries.
Figure 7
Reset Circuitries
MCS04030
C508
RESET
V
DD
+
C508
RESET
C508
RESET
&
+
V
DD
a)
b)
c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com