Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 14Page - Infineon Technologies AG C508 Datasheet HTML 15Page - Infineon Technologies AG C508 Datasheet HTML 16Page - Infineon Technologies AG C508 Datasheet HTML 17Page - Infineon Technologies AG C508 Datasheet HTML 18Page - Infineon Technologies AG C508 Datasheet HTML 19Page - Infineon Technologies AG C508 Datasheet HTML 20Page - Infineon Technologies AG C508 Datasheet HTML 21Page - Infineon Technologies AG C508 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
C508
Data Sheet
14
2000-08
Memory Organization
The C508 CPU manipulates operands in the following five address spaces:
• up to 64 Kbytes of program memory:
32K ROM for C508-4R
32K OTP for C508-4E
• up to 64 Kbytes of external data memory
• 256 bytes of internal data memory
• 1024 bytes of internal XRAM data memory
• a 128-byte special function register area
Figure 6 illustrates the memory address spaces of the C508.
Figure 6
C508 Memory Map
MCS04029
Special
Function
Regs.
FF
H
80
H
Direct
Addr.
Indirect
Addr.
Internal
RAM
00
H
7F
H
Internal
RAM
"Internal Data Space"
Internal
XRAM
(1 Kbyte)
FFFF
H
FC00
H
Ext.
Data
Memory
0000
H
FBFF
H
Ext.
Data
Memory
"Data Space"
8000
H
FFFF
H
Ext.
"Code Space"
Ext.
(EA = 0)
7FFF
H
0000
H
Int.
(EA = 1)
Alternatively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com