Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 57Page - Infineon Technologies AG C508 Datasheet HTML 58Page - Infineon Technologies AG C508 Datasheet HTML 59Page - Infineon Technologies AG C508 Datasheet HTML 60Page - Infineon Technologies AG C508 Datasheet HTML 61Page - Infineon Technologies AG C508 Datasheet HTML 62Page - Infineon Technologies AG C508 Datasheet HTML 63Page - Infineon Technologies AG C508 Datasheet HTML 64Page - Infineon Technologies AG C508 Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
C508
Data Sheet
57
2000-08
OTP Memory Operation (C508-4E only)
The C508-4E is the OTP version of the C508 microcontroller with a 32K byte one-time
programmable (OTP) program memory. Fast programming cycles are achieved (1 byte
in 100
µs) with the C508-4E. Several levels of OTP memory protection can be selected
as well.
To program the device, the C508-4E must be put into the programming mode. Typically,
this is not done in-system but in a special programming hardware. In the programming
mode, the C508-4E operates as a slave device similar to an EPROM standalone
memory device and must be controlled with address/data information, control lines, and
an external 11.5 V programming voltage.
Figure 28 shows the pins of the C508-4E which are required for controlling of the OTP
programming mode.
Figure 28
Programming Mode Configuration
MCP04090
C508-4E
P0.0 - 7
PALE
PMSEL0
PMSEL1
XTAL1
XTAL2
V
DD
V
SS
P2.0 - 7
Port 2
Port 0
PSEL
PSEN
RESET
PRD
PROG
EA/
V
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com