Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 66Page - Infineon Technologies AG C508 Datasheet HTML 67Page - Infineon Technologies AG C508 Datasheet HTML 68Page - Infineon Technologies AG C508 Datasheet HTML 69Page - Infineon Technologies AG C508 Datasheet HTML 70Page - Infineon Technologies AG C508 Datasheet HTML 71Page - Infineon Technologies AG C508 Datasheet HTML 72Page - Infineon Technologies AG C508 Datasheet HTML 73Page - Infineon Technologies AG C508 Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
C508
Data Sheet
66
2000-08
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C508
and partly its demands on the system. To aid in interpreting the parameters right, when
evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics)
The logic of the C508 will provide signals with the respective characteristics.
SR (System Requirements)
The external system must provide signals with the respective characteristics to the
C508.
DC Characteristics
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input low voltage
(except EA, RESET)
VIL
SR
– 0.5
0.2
VDD
– 0.1
V–
Input low voltage (EA)
VIL1 SR – 0.5
0.2
VDD
– 0.3
V–
Input low voltage
(RESET)
VIL2 SR – 0.5
0.2
VDD
+ 0.1
V–
Input high voltage
(except RESET, EA,
XTAL1)
VIH
SR
0.2
VDD + 0.9 VDD + 0.5 V
–
Input high voltage to
RESET
VIH1 SR 0.6 VDD
VDD + 0.5 V
–
Input high voltage to
EA
VIH2 SR 0.7 VDD
VDD + 0.5 V
1)
0.2
VDD + 0.9 VDD + 0.5 V
2)
Input high voltage to
XTAL1
VIH3 SR 0.7 VDD
VDD + 0.5 V
–
Output low voltage
(Ports 3, 5)
(Ports 1, 2)
VOL CC
–
–
0.45
0.45
V
V
IOL = 1.6 mA
3)
IOL = 10 mA
3)
Output low voltage
(Port 0, ALE, PSEN)
VOL1 CC –
0.45
V
IOL = 3.2 mA
3)
Output high voltage
(Ports 1, 2, 3, 5)
VOH CC 2.4
0.9
VDD
–
–
V
V
IOH =– 80 µA
IOH =– 10 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com