Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 19Page - Infineon Technologies AG C508 Datasheet HTML 20Page - Infineon Technologies AG C508 Datasheet HTML 21Page - Infineon Technologies AG C508 Datasheet HTML 22Page - Infineon Technologies AG C508 Datasheet HTML 23Page - Infineon Technologies AG C508 Datasheet HTML 24Page - Infineon Technologies AG C508 Datasheet HTML 25Page - Infineon Technologies AG C508 Datasheet HTML 26Page - Infineon Technologies AG C508 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
C508
Data Sheet
19
2000-08
Table 2
Special Function Registers - Functional Blocks
Block
Symbol
Name
Addr. Contents
after Reset
CPU
ACC
B
DPH
DPL
DPSEL
PSW
SP
SYSCON4)
VR01)
VR11)
VR21)
Accumulator
B-Register
Data Pointer, High Byte
Data Pointer, Low Byte
Data Pointer Select Register
Program Status Word Register
Stack Pointer
System Control Register
Version Register 0
Version Register 1
Version Register 2
E0H
2)
F0H
2)
83H
82H
92H
D0H
2)
81H
B1H
FCH
FDH
FEH
00H
00H
00H
00H
XXXXX000B
5)
00H
07H
XX10XX01B
5)
C5H
08H
3)
A/D-
Converter
ADCON04)
ADCON1
ADDATH
ADDATL
A/D Converter Control Register 0
A/D Converter Control Register 1
A/D Converter Data Register High Byte
A/D Converter Start Register Low Byte
D8H
2)
DCH
D9H
DAH
00X00000B
5)
01XXX000B
5)
00H
00XXXXXXB
5)
Interrupt
System
IEN04)
IEN14)
IEN2
IEN3
IP04)
IP1
TCON4)
T2CON4)
SCON4)
IRCON
EINT
Interrupt Enable Register 0
Interrupt Enable Register 1
Interrupt Enable Register 2
Interrupt Enable Register 3
Interrupt Priority Register 0
Interrupt Priority Register 1
Timer Control Register
Timer 2 Control Register
Serial Channel Control Register
Interrupt Request Control Register
External Interrupt Control Register
A8H
2)
B8H
2)
9AH
BEH
A9H
B9H
88H
2)
C8H
2)
98H
2)
C0H
2)
FBH
00H
X0000000B
XX0000XXB
XXX000XXB
00H
XX000000B
5)
00H
00H
00H
X0000000B
XX000000B
XRAM
XPAGE
SYSCON4)
Page Address Register for Extended on-chip
XRAM and CAN Controller
System Control Register
91H
B1H
00H
XX10XX01B
5)
Ports
P0
P1
P2
P3
P4
P5
Port 0
Port 1
Port 2
Port 3
Port 4, Analog/Digital Input
Port 5
80H
2)
90H
2)
A0H
2)
B0H
2)
DBH
F8H
2)
FFH
FFH
FFH
FFH
–
FFH
Serial
Channel
ADCON04)
PCON4)
SBUF
SCON
SRELL
SRELH
A/D Converter Control Register 0
Power Control Register
Serial Channel Buffer Register
Serial Channel Control Register
Serial Channel Reload Register, low byte
Serial Channel Reload Register, high byte
D8H
2)
87H
99H
98H
2)
AAH
BAH
00X00000B
5)
00H
XXH
5)
00H
D9H
XXXXXX11B
5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com