Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 85Page - Infineon Technologies AG C508 Datasheet HTML 86Page - Infineon Technologies AG C508 Datasheet HTML 87Page - Infineon Technologies AG C508 Datasheet HTML 88Page - Infineon Technologies AG C508 Datasheet HTML 89Page - Infineon Technologies AG C508 Datasheet HTML 90Page - Infineon Technologies AG C508 Datasheet HTML 91Page - Infineon Technologies AG C508 Datasheet HTML 92Page - Infineon Technologies AG C508 Datasheet HTML 93Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
C508
Data Sheet
85
2000-08
Figure 43
ROM Verification Mode 2
Figure 44
AC Testing: Input, Output Waveforms
ROM/OTP Verification Mode 2
Parameter
Symbol
Limit Values
Unit
min.
typ
max.
ALE pulse width
tAWD
–
2TCL
–
ns
ALE period
tACY
–12 TCL
–ns
Data valid after ALE
tDVA
––4 TCL
ns
Data stable after ALE
tDSA
8 TCL
––ns
P3.5 setup to ALE low
tAS
–TCL
–ns
Oscillator frequency
tOSC
5–10
MHz
MCT02613
t
ACY
t
AWD
t
DSA
DVA
t
t
AS
Data Valid
ALE
Port 0
P3.5
MCS04107
0.2
V
DD - 0.9
Test Points
0.2
V
DD - 0.1
V
DD - 0.5
0.45 V
AC Inputs during testing are driven at
V
DD - 0.5 V for a logic "1" and 0.45 V for a logic "0".
Timing measurements are made at
V
IHmin for a logic "1" and VILmax for a logic "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com