Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 53Page - Infineon Technologies AG C508 Datasheet HTML 54Page - Infineon Technologies AG C508 Datasheet HTML 55Page - Infineon Technologies AG C508 Datasheet HTML 56Page - Infineon Technologies AG C508 Datasheet HTML 57Page - Infineon Technologies AG C508 Datasheet HTML 58Page - Infineon Technologies AG C508 Datasheet HTML 59Page - Infineon Technologies AG C508 Datasheet HTML 60Page - Infineon Technologies AG C508 Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
C508
Data Sheet
53
2000-08
Figure 27
Functional Block Diagram of the Oscillator Watchdog
Fast Internal Reset after Power-On
Normally the members of the 8051 family (e.g. SAB 80C52) do not enter their default
reset state before the on-chip oscillator starts. In the C508, after power-on, the Oscillator
Watchdog’s RC oscillator starts working within a very short start-up time (typ. less than
2
µs). The watchdog circuitry detects a failure condition for the on-chip oscillator
because they have not yet started (a failure is always recognized if the watchdog’s RC
oscillator runs faster than the gated PLL clock output). As long as this condition is valid
the watchdog uses the RC oscillator output as the clock source for the chip. This allows
the chip to be correctly reset and brings all ports to the defined state. The exception is
Port 1, which will be at its default state when external reset is active.
f
1
MCB04088
Frequency
Comparator
÷ 5
Control
Logic
On-Chip
Oscillator
XTAL2
XTAL1
Control
Logic
P5.7/
INT7
P3.2/
INT0
EWPD
(PCON1.0)
WS
(PCON1.4)
Power-down
mode activated
Start/
stop
Start/
stop
f
RC
f
OSC
f
2
Delay
f
2 < f1
≥1
RC
Oscillator
OWDS
IP0 (A9
H)
Power-down mode
wake-up interrupt
Internal Reset
System
Clock
Generator
System Clock
(2 x
f
OCS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com