Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 73Page - Infineon Technologies AG C508 Datasheet HTML 74Page - Infineon Technologies AG C508 Datasheet HTML 75Page - Infineon Technologies AG C508 Datasheet HTML 76Page - Infineon Technologies AG C508 Datasheet HTML 77Page - Infineon Technologies AG C508 Datasheet HTML 78Page - Infineon Technologies AG C508 Datasheet HTML 79Page - Infineon Technologies AG C508 Datasheet HTML 80Page - Infineon Technologies AG C508 Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
C508
Data Sheet
73
2000-08
Notes:
1) V
AIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases will be 00H or FFH, respectively.
2) During the sample time the input capacitance C
AIN must be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitance to reach their final voltage level within
tS.
After the end of the sample time
tS, changes of the analog input voltage have no effect on the conversion result.
3) This parameter includes the sample time t
S, the time for determining the digital result. Values for the
conversion clock
tADC depend on programming and can be taken from the table on the previous page.
4) T
UE (max.) is tested at – 40 ≤ TA ≤ 85 °C; VDD ≤ 5.5 V; VAREF ≤ VDD + 0.1 V and VSS ≤ VAGND. It is guaranteed
by design characterization for all other voltages within the defined voltage range.
If an overload condition occurs on maximum 2 unused analog input pins and the absolute sum of input overload
currents on all analog input pins does not exceed 10 mA, an additional conversion error of 1/2 LSB is
permissible.
If a conversion is started during a reset calibration phase,
TUE (max.) will be ± 6 LSB.
5) During the conversion the ADC’s capacitance must be repeatedly charged or discharged. The internal
resistance of the reference source must allow the capacitance to reach their final voltage level within the
indicated time. The maximum internal resistance results from the programmed conversion timing.
6) Not 100% tested, but guaranteed by design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com