Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 51Page - Infineon Technologies AG C508 Datasheet HTML 52Page - Infineon Technologies AG C508 Datasheet HTML 53Page - Infineon Technologies AG C508 Datasheet HTML 54Page - Infineon Technologies AG C508 Datasheet HTML 55Page - Infineon Technologies AG C508 Datasheet HTML 56Page - Infineon Technologies AG C508 Datasheet HTML 57Page - Infineon Technologies AG C508 Datasheet HTML 58Page - Infineon Technologies AG C508 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
C508
Data Sheet
51
2000-08
Fail Save Mechanisms
The C508 offers enhanced fail save mechanisms, which allow an automatic recovery
from software or hardware failure:
– a programmable watchdog timer (WDT), with variable time-out period from 153.6
µs
to 314.573 ms at
fOSC = 10 MHz.
– an oscillator watchdog (OWD) which monitors the on-chip oscillator and forces the
microcontroller into reset state in case the on-chip oscillator fails; it also provides the
clock for a fast internal reset after power-on.
Programmable Watchdog Timer
To protect the system against software failure, the user’s program must clear this
watchdog within a previously programmed time period. If the software fails to do this
periodical refresh of the watchdog timer, an internal reset will be initiated. The software
can be designed so that the watchdog times out if the program does not work properly.
It also times out if a software error is based on hardware-related problems.
The Watchdog Timer in the C508 is a 15-bit timer, which is incremented by a count rate
of
fOSC/6 upto fOSC/96. The machine clock of the C508 is divided by two prescalers, a
divide-by-two and a divide-by-16 prescaler. To program the Watchdog Timer overflow
rate, the upper 7 bits of the Watchdog Timer can be written. Figure 26 shows the block
diagram of the Watchdog Timer unit.
Figure 26
Block Diagram of the Programmable Watchdog Timer
MCS04087
f
OSC/3
WDTL
07
WDTH
14
8
70
6
WDTREL (86
H)
÷ 16
÷ 2
OWDS
WDTS
-
-
-
-
-
-
-
WDT
-
-
-
-
-
-
-
SWDT
-
-
-
-
-
-
Control Logic
WDTPSEL
IP0 (A9
H)
WDT Reset-Request
External HW Reset
IEN0 (A8
H)
IEN1 (B8
H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com