Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 80Page - Infineon Technologies AG C508 Datasheet HTML 81Page - Infineon Technologies AG C508 Datasheet HTML 82Page - Infineon Technologies AG C508 Datasheet HTML 83Page - Infineon Technologies AG C508 Datasheet HTML 84Page - Infineon Technologies AG C508 Datasheet HTML 85Page - Infineon Technologies AG C508 Datasheet HTML 86Page - Infineon Technologies AG C508 Datasheet HTML 87Page - Infineon Technologies AG C508 Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
C508
Data Sheet
80
2000-08
AC Characteristics of Programming Mode
(Operating conditions apply)
Parameter
Symbol
Limit Values
Unit
min.
max.
PALE pulse width
tPAW
35
–ns
PMSEL setup to PALE rising edge
tPMS
10
–
ns
Address setup to PALE, PROG, or
PRD falling edge
tPAS
10
–
ns
Address hold after PALE, PROG, or
PRD falling edge
tPAH
10
–
ns
Address, data setup to PROG or PRD
tPCS
100
–
ns
Address, data hold after PROG or PRD
tPCH
0–
ns
PMSEL setup to PROG or PRD
tPMS
10
–
ns
PMSEL hold after PROG or PRD
tPMH
10
–
ns
PROG pulse width
tPWW
100
–
µs
PRD pulse width
tPRW
100
–
ns
Address to valid data out
tPAD
–75
ns
PRD to valid data out
tPRD
–20
ns
Data hold after PRD
tPDH
0–
ns
Data float after PRD
tPDF
–20
ns
PROG high between two consecutive
PROG low pulses
tPWH1
1–
µs
PRD high between two consecutive
PRD low pulses
tPWH2
100
–
ns
XTAL clock period
tCLKP
100
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com