Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 36Page - Infineon Technologies AG C508 Datasheet HTML 37Page - Infineon Technologies AG C508 Datasheet HTML 38Page - Infineon Technologies AG C508 Datasheet HTML 39Page - Infineon Technologies AG C508 Datasheet HTML 40Page - Infineon Technologies AG C508 Datasheet HTML 41Page - Infineon Technologies AG C508 Datasheet HTML 42Page - Infineon Technologies AG C508 Datasheet HTML 43Page - Infineon Technologies AG C508 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
C508
Data Sheet
36
2000-08
Compare (COMP) Unit Operation
The Capture/Compare Unit CCU of the C508 also provides a 10-bit Compare Unit
(COMP) which operates as a single channel pulse generator with a pulse width
modulated output signal. This output signal is available at the output pin COUT3 of the
C508. In the combined multi-channel PWM modes and in burst mode of the CAPCOM
unit the output signal of the COMP unit can also be switched to the output signals COUTx
or CCx. Figure 16 shows the block diagram and the pulse generation scheme of the
COMP unit.
Figure 16
COMP Unit: Block Diagram and Pulse Generation Scheme
The COMP unit has a 10-bit up-counter (Compare Timer 2, CT2) which starts counting
from 000H up to the value stored in the period register and then is again reset. This
Compare Timer 2 operation is equal to the operating mode 0 of Compare Timer 1. When
the count value of CT2 matches the value stored in the compare registers CMP2H/
CMP2L, COUT3 toggles its logic state. When Compare Timer 2 is reset to 000H, COUT3
toggles again its logic state.
In the combined multi-channel PWM modes and in the burst mode, the Compare Timer 2
output signal can also be switched to the CAPCOM output pins COUT0, COUT1, and
COUT3. In these modes, the polarity of the modulated output signal at COUT2-0 can be
inverted by setting bit COUTXI (COINI.6)
Combined Multi-Channel PWM Modes
The CCU of the C508 has been designed to support also motor control or inverter
applications which have a demand for specific multi-channel PWM signal generation. In
these combined multi-channel PWM modes the CAPCOM unit (Compare Timer 1) and
the COMP unit (Compare Timer 2) of the C508 CCU are working together.
MCB04101
Programmable
Prescaler
Period Registers
CP2H/CP2L
Compare Timer 2
10-Bit Up Counter
Control Register
CT2CON
Comparator
Compare Registers
CMP2H/CMP2L
Pulse
Generation
Match
Port
Pin
COUT3
COUTXI
(COINI.6)
COUT3I
(COINI.7)
2
f
OSC
ECT20
To CAPCOM
Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com