Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 38Page - Infineon Technologies AG C508 Datasheet HTML 39Page - Infineon Technologies AG C508 Datasheet HTML 40Page - Infineon Technologies AG C508 Datasheet HTML 41Page - Infineon Technologies AG C508 Datasheet HTML 42Page - Infineon Technologies AG C508 Datasheet HTML 43Page - Infineon Technologies AG C508 Datasheet HTML 44Page - Infineon Technologies AG C508 Datasheet HTML 45Page - Infineon Technologies AG C508 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
C508
Data Sheet
38
2000-08
Block Commutation PWM Mode
In block commutation mode the INT0-2 inputs are sampled once each processor cycle.
If the input signal combination at INT0-2 changes its state, the outputs CCx and COUTx
are set to their new state according to Table 7.
Table 7
Black Commutation Control Table
Mode
(BCM1,BCM0)
INT0 - INT2
Inputs
CC0 - CC2
Outputs
COUT0 - COUT2
Outputs
INT0
INT1
INT2
CC0
CC1
CC2
COUT0
COUT1
COUT2
Rotate left1)
Rotate right1)
1) If one of these two combinations of INTx signals is detected in rotate left or rotate right mode, bit BCERR flag
is set. If enabled, a CCU emergency interrupt can be generated. When these states (error states) are reached,
immediately idle state is entered.
0
0
0
inactive
inactive
inactive
inactive
inactive
inactive
1
1
1
inactive
inactive
inactive
inactive
inactive
inactive
Rotate left,
60° phase shift
(BCTSEL = 0,
default)
1
0
1
inactive
inactive
active
active
inactive
inactive
1
0
0
inactive
active
inactive
active
inactive
inactive
1
1
0
inactive
active
inactive
inactive
inactive
active
0
1
0
active
inactive
inactive
inactive
inactive
active
0
1
1
active
inactive
inactive
inactive
active
inactive
0
0
1
inactive
inactive
active
inactive
active
inactive
Rotate left,
0° phase shift
(BCTSEL = 1)
1
0
1
inactive
inactive
active
inactive
active
inactive
1
0
0
inactive
inactive
active
active
inactive
inactive
1
1
0
inactive
active
inactive
active
inactive
inactive
0
1
0
inactive
active
inactive
inactive
inactive
active
0
1
1
active
inactive
inactive
inactive
inactive
active
0
0
1
active
inactive
inactive
inactive
active
inactive
Rotate right
1
1
0
active
inactive
inactive
inactive
active
inactive
1
0
0
active
inactive
inactive
inactive
inactive
active
1
0
1
inactive
active
inactive
inactive
inactive
active
0
0
1
inactive
active
inactive
active
inactive
inactive
0
1
1
inactive
inactive
active
active
inactive
inactive
0
1
0
inactive
inactive
active
inactive
active
inactive
Slow down
X
X
X
inactive
inactive
inactive
active
active
active
Idle2)
2) Idle state is also entered when a “wrong follower” is detected (if bit BCON.7 = BCEM is set). When idle state
is entered, the BCERR flag is always set. Idle state can only be left when the BCERR flag is reset by software.
X
X
X
inactive
inactive
inactive
inactive
inactive
inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com