Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 60Page - Infineon Technologies AG C508 Datasheet HTML 61Page - Infineon Technologies AG C508 Datasheet HTML 62Page - Infineon Technologies AG C508 Datasheet HTML 63Page - Infineon Technologies AG C508 Datasheet HTML 64Page - Infineon Technologies AG C508 Datasheet HTML 65Page - Infineon Technologies AG C508 Datasheet HTML 66Page - Infineon Technologies AG C508 Datasheet HTML 67Page - Infineon Technologies AG C508 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
C508
Data Sheet
60
2000-08
Pin Definitions
Table 14 contains the functional description of all C508-4E pins which are required for
OTP memory programming.
Table 14
Pin Definitions and Functions of the C508-4E
in Programming Mode
Symbol
Pin Number
I/O1) Function
P-MQFP-64-1 P-SDIP-64-2
RESET
1
9
I
Reset
This input must be at static ‘1’ (active) level
throughout the entire programming mode.
PMSEL0
PMSEL1
33
34
41
42
I
I
Programming mode selection pins
These pins are used to select the different
access modes in programming mode. PMSEL1,0
must satisfy a setup time to the rising edge of
PALE. When the logic level of PMSEL1,0 is
changed, PALE must be at low level.
PSEL
35
43
I
Basic programming mode select
This input is used for the basic programming
mode selection and must be switched according
to Figure 31.
PRD
36
44
I
Programming mode read strobe
This input is used for read access control for OTP
memory read, version byte read, and lock bit
read operations.
PALE
37
45
I
Programming address latch enable
PALE is used to latch the high address lines. The
high address lines must satisfy a setup and hold
time to/from the falling edge of PALE. PALE must
be at low level when the logic level of PMSEL1,0
is changed.
XTAL2
47
49
O
XTAL2
Output of the inverting oscillator amplifier.
PMSEL1 PMSEL0 Access Mode
00
Reserved
0
1
Read signature bytes
1
0
Program/read lock bits
1
1
Program/read OTP
memory byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com