Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 65Page - Infineon Technologies AG C508 Datasheet HTML 66Page - Infineon Technologies AG C508 Datasheet HTML 67Page - Infineon Technologies AG C508 Datasheet HTML 68Page - Infineon Technologies AG C508 Datasheet HTML 69Page - Infineon Technologies AG C508 Datasheet HTML 70Page - Infineon Technologies AG C508 Datasheet HTML 71Page - Infineon Technologies AG C508 Datasheet HTML 72Page - Infineon Technologies AG C508 Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
C508
Data Sheet
65
2000-08
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage of the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for longer periods may affect device reliability. During
absolute maximum rating overload conditions (
VIN > VDD or VIN < VSS) the voltage
on
VDD pins with respect to ground (VSS) must not exceed the values defined by
the absolute maximum ratings.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Storage temperature
TST
–65
150
°C–
Voltage on
VDD pins with respect to
ground (
VSS)
VDD
–0.5
6.5
V
–
Voltage on any pin with respect to
ground (
VSS)
VIN
–0.5
VDD + 0.5
V
–
Input current on any pin during
overload condition
–
– 10
10
mA
–
Absolute sum of all input currents
during overload condition
–
–
|100 mA|
mA
–
Power dissipation
PDISS
–t.b.d.
W
–
Operating Conditions
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Supply voltage
VDD
4.5
5.5
V
–
Ground voltage
VSS
0V
–
Ambient temperature
SAB-C508
SAF-C508
TA
TA
0
–40
70
85
°C–
Analog reference voltage
VAREF
4
VDD + 0.1
V
–
Analog ground voltage
VAGND
VSS – 0.1
VSS + 0.2
V
–
Analog input voltage
VAIN
VAGND
VAREF
V–
CPU clock
fCPU
10
20
MHz –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com