Electronic Components Datasheet Search
  English  ▼

X  

C508 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # C508
Description  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 72Page - Infineon Technologies AG C508 Datasheet HTML 73Page - Infineon Technologies AG C508 Datasheet HTML 74Page - Infineon Technologies AG C508 Datasheet HTML 75Page - Infineon Technologies AG C508 Datasheet HTML 76Page - Infineon Technologies AG C508 Datasheet HTML 77Page - Infineon Technologies AG C508 Datasheet HTML 78Page - Infineon Technologies AG C508 Datasheet HTML 79Page - Infineon Technologies AG C508 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
C508
Data Sheet
72
2000-08
Further timing conditions:
tADC min = 500 ns and tIN = 1/(2 fOSC) = 2 TCL
A/D Converter Characteristics
(Operating conditions apply)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog input voltage
VAIN SR
VAGND VAREF
V
1)
Sample time
tS
CC
–64
× t
IN
32
× t
IN
16
× t
IN
8
× t
IN
ns
Prescaler
÷ 32
Prescaler
÷ 16
Prescaler
÷ 8
Prescaler
÷ 4
Conversion cycle time
tADCC CC
–
384
× t
IN
192
× t
IN
96
× t
IN
48
× t
IN
ns
Prescaler
÷ 32
Prescaler
÷ 16
Prescaler
÷ 8
Prescaler
÷ 4
Total unadjusted error TUE
CC
–
± 2LSB V
AGND ≤ VAIN ≤
VAREF
4)
Internal resistance of
reference voltage
source
RAREF SR
–
tADC / 250
– 0.25
k
Ω
tADC in [ns]
5)6)
Internal resistance of
analog source
RASRCSR
–
tS / 500
– 0.25
k
Ω
tS in [ns]
2)6)
ADC input
capacitance
CAIN CC
–
50
pF
6)
Clock Calculation Table
Clock Prescaler Ratio
ADCL1, 0
tADC
tS
tADCC
÷ 32
1
1
32
× t
IN
64
× t
IN
384
× t
IN
÷ 16
1
0
16
× t
IN
32
× t
IN
192
× t
IN
÷ 8
0
1
8
× t
IN
16
× t
IN
96
× t
IN
÷ 4
0
0
4
× t
IN
8
× t
IN
48
× t
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com