Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 43 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 39Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 40Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 41Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 42Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 43Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 44Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 45Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 46Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
Rev. A
|
Page 43 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
PA_12
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Frame Sync 1 (HSYNC) | CAN1
Receive | SPORT0 Channel A Frame Sync
|SMC0 Output Enable |SYS Power
Saving Mode Wakeup 4 | TM0 Alternate
Capture Input 6
Notes: If hibernate mode is used one of
the following must be true during
hibernate. Either this pin must be
actively driven by another IC, or it must
have a pull-up or pull-down.
PA_13
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Frame Sync 2 (VSYNC) | CAN1
Transmit | SPORT0 Channel A Clock |
SMC0 Read Enable | CNT0 Count Zero
Marker
Notes: No notes.
PA_14
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Clock | SPI1 Slave Select
Output 4 | SPORT0 Channel A Data 0 |
SMC0 Write Enable | TM0 Alternate
Clock 5
Notes: SPI slave select outputs require a
pull-up when used.
PA_15
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Frame Sync 3 (FIELD) | SPT0
Channel A Transmit Data Valid | SPT0
Channel B Transmit Data Valid | SMC0
Memory Select 0 | CNT0 Count Up and
Direction
Notes: May require a pull-up if used as
an SMC memory select. Check the data
sheet requirements of the IC it connects
to.
PB_00
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Data 7 | SPT1 Channel B Clock
| SPI0 Clock | SMC0 Data 7 | TM0
Alternate Clock 3
Notes: SPI clock requires a pull-down
when controlling most SPI flash
devices.
PB_01
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Data 6 | SPT1 Channel B
Frame Sync | SPI0 Master In, Slave Out |
SMC0 Data 6 | TM0 Alternate Capture
Input 1
Notes: Pull-up required for SPI_MISO if
SPI master boot is used.
PB_02
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Data 5 | SPT1 Channel B Data
0 | SPI0 Master Out, Slave In | SMC0 Data
5
Notes: No notes.
PB_03
I/O
A
none
none
none
none
none
VDD_EXT
Desc: PPI0 Data 4 | SPT1 Channel B Data
1 | SPI0 Data 2 | SMC0 Data 4
Notes: No notes.
Table 15. ADSP-BF70x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Hiber
Term
Hiber
Drive
Power
Domain
Description
and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com