Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 17Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 18Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 19Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 20Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 21Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 22Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 23Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 24Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Rev. A
|
Page 21 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
USB_DM
I/O
Data –. Bidirectional differential data line.
USB_DP
I/O
Data +. Bidirectional differential data line.
USB_ID
Input
OTG ID. Senses whether the controller is a host or device. This signal is pulled low when an A-type
plug is sensed (signifying that the USB controller is the A device), but the input is high when a B-type
plug is sensed (signifying that the USB controller is the B device).
USB_VBC
Output
VBUS Control. Controls an external voltage source to supply VBUS when in host mode. May be
configured as open-drain. Polarity is configurable as well.
USB_VBUS
I/O
Bus Voltage. Connects to bus voltage in host and device modes.
USB_XTAL
Output
Crystal. Drives an external crystal. Must be left unconnected if an external clock is driving USB_CLKIN.
Table 6. ADSP-BF70x Detailed Signal Descriptions (Continued)
Port Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com