Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 64 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 60Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 61Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 62Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 63Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 64Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 65Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 66Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 67Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
Rev. A
|
Page 64 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
SMC Read Cycle Timing With Reference to SYS_CLKOUT
The following SMC specifications with respect to SYS_CLKOUT are given to accommodate the connection of the SMC to 
programmable logic devices. These specifications assume that SYS_CLKOUT is outputting a buffered version of SCLK0 by 
setting CGU_CLKOUTSEL.CLKOUTSEL = 0x3. However, SCLK0 must not run faster than the maximum fOCLK specification. 
For this example, RST = 0x2, RAT = 0x4, and RHT = 0x1.
Table 32. SMC Read Cycle Timing With Reference to SYS_CLKOUT (BxMODE = b#00)
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSDAT
SMC0_Dx Setup Before SYS_CLKOUT
5.3
4.3
ns
tHDAT
SMC0_Dx Hold After SYS_CLKOUT
1.5
1.5
ns
tSARDY
SMC0_ARDY Setup Before SYS_CLKOUT
16.6
14.4
ns
tHARDY
SMC0_ARDY Hold After SYS_CLKOUT
0.7
0.7
ns
Switching Characteristics
tDO
Output Delay After SYS_CLKOUT1
1 Output signals are SMC0_Ax, SMC0_AMSx, SMC0_AOE, and SMC0_ABEx.
77
ns
tHO
Output Hold After SYS_CLKOUT
1
–2.5
–2.5
ns
Figure 11. Asynchronous Memory Read Cycle Timing
tHARDY
SETUP
2 CYCLES
PROGRAMMED READ
ACCESS 4 CYCLES
ACCESS EXTENDED
3 CYCLES
HOLD
1 CYCLE
tDO
tHO
tDO
tHARDY
tSARDY
tSDAT
tHDAT
tSARDY
SYS_CLKOUT
SMC0_AMSx
SMC0_ABEx
SMC0_AOE
SMC0_ARE
SMC0_ARDY
DATA 15–0
tHO
SMC0_Ax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com