Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 78 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 74Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 75Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 76Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 77Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 78Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 79Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 80Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 81Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
Rev. A
|
Page 78 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Debug Interface (JTAG Emulation Port) Timing
Table 48 and Figure 26 provide I/O timing, related to the debug interface (JTAG emulator port).
Table 48. JTAG Port Timing
Parameter
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Min
Max
Min
Max
Unit
Timing Requirements
tTCK
JTG_TCK Period
20
20
ns
tSTAP
JTG_TDI, JTG_TMS Setup Before JTG_TCK High
5
4
ns
tHTAP
JTG_TDI, JTG_TMS Hold After JTG_TCK High
4
4
ns
tSSYS
System Inputs Setup Before JTG_TCK High1
1 System inputs = DMC0_DQxx, DMC0_LDQS, DMC0_LDQS, DMC0_UDQS, DMC0_UDQS, PA_xx, PB_xx, PC_xx, SYS_BMODEx, SYS_HWRST, SYS_FAULT, 
SYS_NMI, TWI0_SCL, TWI0_SDA, and SYS_EXTWAKE.
44ns
tHSYS
System Inputs Hold After JTG_TCK High
1
4
4
ns
tTRSTW
JTG_TRST Pulse Width (Measured in JTG_TCK Cycles)2
2 50 MHz maximum.
44tTCK
Switching Characteristics
tDTDO
JTG_TDO Delay From JTG_TCK Low
16.5
14.5
ns
tDSYS
System Outputs Delay After JTG_TCK Low
3
3 System outputs = DMC0_Axx, DMC0_BAx, DMC0_CAS, DMC0_CK, DMC0_CK, DMC0_CKE, DMC0_CS0, DMC0_DQxx, DMC0_LDM, DMC0_LDQS, DMC0_LDQS,
DMC0_ODT, DMC0_RAS, DMC0_UDM, DMC0_UDQS, DMC0_UDQS, DMC0_WE, PA_xx, PB_xx, PC_xx, SYS_CLKOUT, SYS_FAULT, SYS_RESOUT, and SYS_NMI.
18
16.5
ns
tDTMS
TMS Delay After TCK High in SWD Mode
3.5
16.5
3.5
14.5
ns
Figure 26. JTAG Port Timing
JTG_TCK
JTG_TMS
JTG_TDI
JTG_TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
tTCK
tSTAP
tHTAP
tDTDO
tSSYS
tHSYS
tDSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com