Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 8Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 9Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 10Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 11Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 12Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 13Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 14Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 15Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
Rev. A
|
Page 12 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
The CAN controller offers the following features:
• 32 mailboxes (8 receive only, 8 transmit only, 16 configu-
rable for receive or transmit)
• Dedicated acceptance masks for each mailbox
• Additional data filtering on first two bytes
• Support for both the standard (11-bit) and extended
(29-bit) identifier (ID) message formats
• Support for remote frames
• Active or passive network support
• CAN wake-up from hibernation mode (lowest static power
consumption mode)
• Interrupts, including: TX complete, RX complete, error
and global
An additional crystal is not required to supply the CAN clock, as
the CAN clock is derived from a system clock through a pro-
grammable divider.
USB 2.0 On-the-Go Dual-Role Device Controller
The USB 2.0 on-the-go (OTG) dual-role device controller pro-
vides a low-cost connectivity solution for the growing adoption
of this bus standard in industrial applications, as well as con-
sumer mobile devices such as cell phones, digital still cameras,
and MP3 players. The USB 2.0 controller allows these devices to
transfer data using a point-to-point USB connection without
the need for a PC host. The module can operate in a traditional
USB peripheral-only mode as well as the host mode presented
in the OTG supplement to the USB 2.0 specification.
The USB clock is provided through a dedicated external crystal
or crystal oscillator.
The USB OTG dual-role device controller includes a phase
locked loop with programmable multipliers to generate the nec-
essary internal clocking frequency for USB.
Housekeeping ADC (HADC)
The HADC provides a general-purpose, multichannel succes-
sive approximation analog-to-digital converter. It supports the
following features:
• 12-bit ADC core (10-bit accuracy) with built-in sample and
hold
• 4 single-ended input channels
• Throughput rates up to 1 MSPS
• Single external reference with analog inputs between 0 V
and 3.3 V
• Selectable ADC clock frequency including the ability to
program a prescaler
• Adaptable conversion type: allows single or continuous
conversion with option of autoscan
• Auto sequencing capability with up to 4 autoconversions in
a single session. Each conversion can be programmed to
select any input channel.
• Four data registers (individually addressable) to store con-
version values
System Crossbars (SCB)
The system crossbars (SCB) are the fundamental building
blocks of a switch-fabric style for (on-chip) system bus inter-
connection. The SCBs connect system bus masters to system
bus slaves, providing concurrent data transfer between multiple
bus masters and multiple bus slaves. A hierarchical model—
built from multiple SCBs—provides a power and area efficient
system interconnect, which satisfies the performance and flexi-
bility requirements of a specific system.
The SCBs provide the following features:
• Highly efficient, pipelined bus transfer protocol for sus-
tained throughput
• Full-duplex bus operation for flexibility and reduced
latency
• Concurrent bus transfer support to allow multiple bus
masters to access bus slaves simultaneously
• Protection model (privileged/secure) support for selective
bus interconnect protection
POWER AND CLOCK MANAGEMENT
The processor provides three operating modes, each with a dif-
ferent performance/power profile. Control of clocking to each
of the processor peripherals also reduces power consumption.
See Table 5 for a summary of the power settings for each mode.
System Crystal Oscillator and USB Crystal Oscillator
The processor can be clocked by an external crystal (see
Figure 4), a sine wave input, or a buffered, shaped clock derived
from an external clock oscillator. If an external clock is used, it
should be a TTL compatible signal and must not be halted,
changed, or operated below the specified frequency during nor-
mal operation. This signal is connected to the SYS_CLKIN pin
of the processor. When an external clock is used, the SYS_XTAL
pin must be left unconnected. Alternatively, because the proces-
sor includes an on-chip oscillator circuit, an external crystal
may be used.
For fundamental frequency operation, use the circuit shown in
Figure 4. A parallel-resonant, fundamental frequency, micro-
processor grade crystal is connected across the SYS_CLKIN and
SYS_XTAL pins. The on-chip resistance between SYS_CLKIN
and the SYS_XTAL pin is in the 500 kΩ range. Further parallel
resistors are typically not recommended.
The two capacitors and the series resistor shown in Figure 4
fine-tune phase and amplitude of the sine frequency. The capac-
itor and resistor values shown in Figure 4 are typical values
only. The capacitor values are dependent upon the load capaci-
tance recommendations of the crystal manufacturer and the
PCB physical layout. The resistor value depends on the drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com