Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 9Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 10Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 11Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 12Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 13Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 14Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 15Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 16Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
Rev. A
|
Page 13 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
level specified by the crystal manufacturer. The user should ver-
ify the customized values based on careful investigations on
multiple devices over the required temperature range.
A third-overtone crystal can be used for frequencies above 
25 MHz. The circuit is then modified to ensure crystal operation
only at the third overtone by adding a tuned inductor circuit as
shown in Figure 4. A design procedure for third-overtone oper-
ation is discussed in detail in application note (EE-168) Using
Third Overtone Crystals with the ADSP-218x DSP (www.ana-
log.com/ee-168).
The same recommendations may be used for the USB crystal
oscillator.
Real-Time Clock
The real-time clock (RTC) provides a robust set of digital watch
features, including current time, stopwatch, and alarm. The
RTC is clocked by a 32.768 kHz crystal external to the processor.
Connect RTC pins RTC_CLKIN and RTC_XTAL with external
components as shown in Figure 5.
The RTC peripheral has dedicated power supply pins so that it
can remain powered up and clocked even when the rest of the
processor is in a low power state. The RTC provides several pro-
grammable interrupt options, including interrupt per second,
minute, hour, or day clock ticks, interrupt on programmable
stopwatch countdown, or interrupt at a programmed alarm
time.
The 32.768 kHz input clock frequency is divided down to a 1 Hz
signal by a prescaler. The counter function of the timer consists
of four counters: a 60-second counter, a 60-minute counter, a
24-hour counter, and a 32,768-day counter. When the alarm
interrupt is enabled, the alarm function generates an interrupt
when the output of the timer matches the programmed value in
the alarm control register. There are two alarms. The first alarm
is for a time of day. The second alarm is for a specific day and
time of that day.
The stopwatch function counts down from a programmed
value, with one-second resolution. When the stopwatch inter-
rupt is enabled and the counter underflows, an interrupt is
generated.
Clock Generation
The clock generation unit (CGU) generates all on-chip clocks
and synchronization signals. Multiplication factors are pro-
grammed to define the PLLCLK frequency. Programmable
values divide the PLLCLK frequency to generate the core clock
(CCLK), the system clocks (SYSCLK, SCLK0, and SCLK1), the
LPDDR or DDR2 clock (DCLK), and the output clock (OCLK).
Writing to the CGU control registers does not affect the behav-
ior of the PLL immediately. Registers are first programmed with
a new value, and the PLL logic executes the changes so that it
transitions smoothly from the current conditions to the new
ones.
SYS_CLKIN oscillations start when power is applied to the
VDD_EXT pins. The rising edge of SYS_HWRST can be
applied after all voltage supplies are within specifications, and
SYS_CLKIN oscillations are stable.
Clock Out/External Clock
The SYS_CLKOUT output pin has programmable options to
output divided-down versions of the on-chip clocks. By default,
the SYS_CLKOUT pin drives a buffered version of the SYS_
CLKIN input. Clock generation faults (for example, PLL
unlock) may trigger a reset by hardware. The clocks shown in
Table 3 can be output on the SYS_CLKOUT pin.
Figure 4. External Crystal Connection
SYS_CLKIN
TO PLL
CIRCUITRY
FOR OVERTONE
OPERATION ONLY:
NOTE: VALUES MARKED WITH * MUST BE CUSTOMIZED, DEPENDING
ON THE CRYSTAL AND LAYOUT. ANALYZE CAREFULLY. FOR
FREQUENCIES ABOVE 33 MHz, THE SUGGESTED CAPACITOR VALUE
OF 18pF SHOULD BE TREATED AS A MAXIMUM.
18 pF*
18 pF*
*
BLACKFIN
SYS_XTAL
Figure 5. External Components for RTC
RTC_CLKIN
RTC_XTAL
X1
R1
NOTE: CRYSTAL LOAD CAPACITORS
ARE NOT NECESSARY IN MOST CASES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com