Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 15Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 16Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 17Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 18Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 19Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 20Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 21Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 22Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 116 page
background image
Rev. A
|
Page 19 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
HADC_VREFN
Input
Ground Reference for ADC. Connect to an external voltage reference that meets data sheet
specifications.
HADC_VREFP
Input
External Reference for ADC. Connect to an external voltage reference that meets data sheet
specifications.
MSI_CD
Input
Card Detect. Connects to a pull-up resistor and to the card detect output of an SD socket.
MSI_CLK
Output
Clock. The clock signal applied to the connected device from the MSI.
MSI_CMD
I/O
Command. Used to send commands to and receive responses from the connected device.
MSI_Dn
I/O
Data n. Bidirectional data bus.
MSI_INT
Input
eSDIO Interrupt Input. Used only for eSDIO. Connects to an eSDIO card's interrupt output. An
interrupt may be sampled even when the MSI clock to the card is switched off.
Px_nn
I/O
Position n. General purpose input/output. See the GP Ports chapter of the HRM for programming
information.
RTC_CLKIN
Input
Crystal input/external oscillator connection. Connect to an external clock source or crystal.
RTC_XTAL
Output
Crystal output. Drives an external crystal. Must be left unconnected if an external clock is driving
RTC_CLKIN.
SMC_ABEn
Output
Byte Enable n. Indicate whether the lower or upper byte of a memory is being accessed. When an
asynchronous write is made to the upper byte of a 16-bit memory, SMC_ABE1b=0 and SMC_ABE0b=1.
When an asynchronous write is made to the lower byte of a 16-bit memory, SMC_ABE1b=1 and SMC_
ABE0b=0.
SMC_AMSn
Output
Memory Select n. Typically connects to the chip select of a memory device.
SMC_AOE
Output
Output Enable. Asserts at the beginning of the setup period of a read access.
SMC_ARDY
Input
Asynchronous Ready. Flow control signal used by memory devices to indicate to the SMC when
further transactions may proceed.
SMC_ARE
Output
Read Enable. Asserts at the beginning of a read access.
SMC_AWE
Output
Write Enable. Asserts for the duration of a write access period.
SMC_Ann
Output
Address n. Address bus.
SMC_Dnn
I/O
Data n. Bidirectional data bus.
SPI_CLK
I/O
Clock. Input in slave mode, output in master mode.
SPI_D2
I/O
Data 2. Used to transfer serial data in Quad mode. Open-drain when ODM mode is enabled.
SPI_D3
I/O
Data 3. Used to transfer serial data in Quad mode. Open-drain when ODM mode is enabled.
SPI_MISO
I/O
Master In, Slave Out. Used to transfer serial data. Operates in the same direction as SPI_MOSI in Dual
and Quad modes. Open-drain when ODM mode is enabled.
SPI_MOSI
I/O
Master Out, Slave In. Used to transfer serial data. Operates in the same direction as SPI_MISO in Dual
and Quad modes. Open-drain when ODM mode is enabled.
SPI_RDY
I/O
Ready. Optional flow signal. Output in slave mode, input in master mode.
SPI_SELn
Output
Slave Select Output n. Used in Master mode to enable the desired slave.
SPI_SS
Input
Slave Select Input. Slave mode - Acts as the slave select input. Master mode- Optionally serves as an
error detection input for the SPI when there are multiple masters.
SPT_ACLK
I/O
Channel A Clock. Data and Frame Sync are driven/sampled with respect to this clock. This signal can
be either internally or externally generated.
SPT_AD0
I/O
Channel A Data 0. Primary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_AD1
I/O
Channel A Data 1. Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_AFS
I/O
Channel A Frame Sync. The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_ATDV
Output
Channel A Transmit Data Valid. This signal is optional and only active when SPORT is configured in
multichannel transmit mode. It is asserted during enabled slots.
Table 6. ADSP-BF70x Detailed Signal Descriptions (Continued)
Port Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com