Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 77 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 73Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 74Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 75Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 76Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 77Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 78Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 79Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 80Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
Rev. A
|
Page 77 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Up/Down Counter/Rotary Encoder Timing
Table 47 and Figure 25 describe timing, related to the general-purpose counter (CNT).
Table 47. Up/Down Counter/Rotary Encoder Timing
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirement
tWCOUNT
Up/Down Counter/Rotary Encoder Input Pulse Width 2 × tSCLK0
2 × tSCLK0
ns
Figure 25. Up/Down Counter/Rotary Encoder Timing
CNT_UD
CNT_DG
CNT_ZM
tWCOUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com