Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 75 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 71Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 72Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 73Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 74Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 75Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 76Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 77Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 78Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
Rev. A
|
Page 75 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Mobile DDR SDRAM Write Cycle Timing
Table 44 and Figure 22 show mobile DDR SDRAM write cycle timing, related to the dynamic memory controller (DMC).
Table 44. Mobile DDR SDRAM Write Cycle Timing, VDD_DMC Nominal 1.8 V
200 MHz
Parameter
Min
Max
Unit
Switching Characteristics
tDQSS
1
1 Write command to first DMC0_DQS delay = WL × tCK + tDQSS.
DMC0_DQS Latching Rising Transitions to Associated Clock Edges
0.75
1.25
tCK
tDS
Last Data Valid to DMC0_DQS Delay (Slew > 1 V/ns)
0.48
ns
tDH
DMC0_DQS to First Data Invalid Delay (Slew > 1 V/ns)
0.48
ns
tDSS
DMC0_DQS Falling Edge to Clock Setup Time
0.2
tCK
tDSH
DMC0_DQS Falling Edge Hold Time From DMC0_CK
0.2
tCK
tDQSH
DMC0_DQS Input High Pulse Width
0.4
tCK
tDQSL
DMC0_DQS Input Low Pulse Width
0.4
tCK
tWPRE
Write Preamble
0.25
tCK
tWPST
Write Postamble
0.4
tCK
tIPW
Address and Control Output Pulse Width
2.3
ns
tDIPW
DMC0_DQ and DMC0_DM Output Pulse Width
1.8
ns
Figure 22. Mobile DDR SDRAM Controller Output AC Timing
DMC0_CK
DMC0_DQS0-1
DMC0_DQ0-15/
DMC0_DQM0-1
tDQSS
tDSH
tDSS
tDQSL
tDQSH
tWPST
tWPRE
tDS
tDH
tDIPW
CONTROL
Write CMD
Dn
Dn+1
Dn+2
Dn+3
NOTE: CONTROL =
DMC0_CS0, DMC0_CKE, DMC0_RAS, DMC0_CAS, AND DMC0_WE.
ADDRESS = DMC0_A00-13, AND DMC0_BA0-1.
tDIPW
tIPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com