Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 85 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 81Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 82Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 83Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 84Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 85Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 86Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 87Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 88Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
Rev. A
|
Page 85 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Serial Peripheral Interface (SPI) Port—Master Timing
Table 54 and Figure 31 describe serial peripheral interface (SPI) port master operations.
When internally generated, the programmed SPI clock (fSPICLKPROG) frequency in MHz is set by the following equation where BAUD is a
field in the SPI_CLK register that can be set from 0 to 65,535:
Note that:
• In dual mode data transmit, the SPI_MISO signal is also an output.
• In quad mode data transmit, the SPI_MISO, SPI_D2, and SPI_D3 signals are also outputs.
• In dual mode data receive, the SPI_MOSI signal is also an input.
• In quad mode data receive, the SPI_MOSI, SPI_D2, and SPI_D3 signals are also inputs.
• To add additional frame delays, see the documentation for the SPI_DLY register in the hardware reference manual.
Table 54. Serial Peripheral Interface (SPI) Port—Master Timing
Parameter
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Min
Max
Min
Max
Unit
Timing Requirements
tSSPIDM
Data Input Valid to SPI_CLK Edge (Data Input
Setup)
6.5
5.5
ns
tHSPIDM
SPI_CLK Sampling Edge to Data Input Invalid 1
1
ns
Switching Characteristics
tSDSCIM
SPI_SEL low to First SPI_CLK Edge
0.5 × tSCLK0 – 2.5
0.5 × tSCLK0 – 1.5
ns
tSPICHM
SPI_CLK High Period1
1 See Table 18 on Page 52 in Clock Related Operating Conditions for details on the minimum period that may be programmed for tSPICLKPROG.
0.5 × tSPICLKPROG – 1.5
0.5 × tSPICLKPROG – 1.5
ns
tSPICLM
SPI_CLK Low Period
1
0.5 × tSPICLKPROG – 1.5
0.5 × tSPICLKPROG – 1.5
ns
tSPICLK
SPI_CLK Period1
tSPICLKPROG – 1.5
tSPICLKPROG – 1.5
ns
tHDSM
Last SPI_CLK Edge to SPI_SEL High
(0.5 × tSCLK0) –2.5
(0.5 × tSCLK0) –1.5
ns
tSPITDM
Sequential Transfer Delay2
2 STOP value set using the SPI_DLY.STOP bits.
(STOP × tSPICLK) –1.5
(STOP × tSPICLK) –1.5
ns
tDDSPIDM
SPI_CLK Edge to Data Out Valid (Data Out
Delay)
2.5
2
ns
tHDSPIDM
SPI_CLK Edge to Data Out Invalid (Data Out
Hold)
–4.5
–3.5
ns
fSPICLKPROG
fSCLK0
BAUD
1
+

-------------------------------
=
tSPICLKPROG
1
fSPICLKPROG
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com