Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 74 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 70Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 71Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 72Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 73Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 74Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 75Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 76Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 77Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
Rev. A
|
Page 74 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Mobile DDR SDRAM Read Cycle Timing
Table 43 and Figure 21 show mobile DDR SDRAM read cycle timing, related to the dynamic memory controller (DMC).
Table 43. Mobile DDR SDRAM Read Cycle Timing, VDD_DMC Nominal 1.8 V
200 MHz
Parameter
Min
Max
Unit
Timing Requirements
tQH
DMC0_DQ, DMC0_DQS Output Hold Time From DMC0_DQS
1.5
ns
tDQSQ
DMC0_DQS-DMC0_DQ Skew for DMC0_DQS and Associated
DMC0_DQ Signals
0.7
ns
tRPRE
Read Preamble
0.9
1.1
tCK
tRPST
Read Postamble
0.4
0.6
tCK
Figure 21. Mobile DDR SDRAM Controller Input AC Timing
DMC0_CK
DMC0_DQS
tDQSQ
DMC0_DQS
(DATA)
Dn
Dn+1
Dn+2
Dn+3
tRPRE
tRPST
tQH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com