Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 2Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 3Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 4Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 5Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 6Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 7Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 8Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 9Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 116 page
background image
Rev. A
|
Page 6 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
• A similar buffer that interrupts on fractional buffers (for
example, 1/2, 1/4).
• 1D DMA—uses a set of identical ping-pong buffers defined
by a linked ring of two-word descriptor sets, each contain-
ing a link pointer and an address.
• 1D DMA—uses a linked list of 4 word descriptor sets con-
taining a link pointer, an address, a length, and a
configuration.
• 2D DMA—uses an array of one-word descriptor sets, spec-
ifying only the base DMA address.
• 2D DMA—uses a linked list of multi-word descriptor sets,
specifying everything.
Event Handling
The processor provides event handling that supports both nest-
ing and prioritization. Nesting allows multiple event service
routines to be active simultaneously. Prioritization ensures that
servicing of a higher-priority event takes precedence over ser-
vicing of a lower-priority event. The processor provides support
for five different types of events:
• Emulation—An emulation event causes the processor to
enter emulation mode, allowing command and control of
the processor through the JTAG interface.
• Reset—This event resets the processor.
• Nonmaskable interrupt (NMI)—The NMI event can be
generated either by the software watchdog timer, by the
NMI input signal to the processor, or by software. The
NMI event is frequently used as a power-down indicator to
initiate an orderly shutdown of the system.
• Exceptions—Events that occur synchronously to program
flow (in other words, the exception is taken before the
instruction is allowed to complete). Conditions such as
data alignment violations and undefined instructions cause
exceptions.
• Interrupts —Events that occur asynchronously to program
flow. They are caused by input signals, timers, and other
peripherals, as well as by an explicit software instruction.
System Event Controller (SEC)
The SEC manages the enabling, prioritization, and routing of
events from each system interrupt or fault source. Additionally,
it provides notification and identification of the highest priority
active system interrupt request to the core and routes system
fault sources to its integrated fault management unit. The SEC
triggers core general-purpose interrupt IVG11. It is recom-
mended that IVG11 be set to allow self-nesting. The four lower
priority interrupts (IVG15-12) may be used for software
interrupts.
Trigger Routing Unit (TRU)
The TRU provides system-level sequence control without core
intervention. The TRU maps trigger masters (generators of trig-
gers) to trigger slaves (receivers of triggers). Slave endpoints can
be configured to respond to triggers in various ways. Common
applications enabled by the TRU include:
• Automatically triggering the start of a DMA sequence after
a sequence from another DMA channel completes
• Software triggering
• Synchronization of concurrent activities
General-Purpose I/O (GPIO)
Each general-purpose port pin can be individually controlled by
manipulation of the port control, status, and interrupt registers:
• GPIO direction control register—Specifies the direction of
each individual GPIO pin as input or output.
• GPIO control and status registers—A write one to modify
mechanism allows any combination of individual GPIO
pins to be modified in a single instruction, without affect-
ing the level of any other GPIO pins.
• GPIO interrupt mask registers—Allow each individual
GPIO pin to function as an interrupt to the processor.
GPIO pins defined as inputs can be configured to generate
hardware interrupts, while output pins can be triggered by
software interrupts.
• GPIO interrupt sensitivity registers—Specify whether indi-
vidual pins are level- or edge-sensitive and specify—if
edge-sensitive—whether just the rising edge or both the ris-
ing and falling edges of the signal are significant.
Pin Interrupts
Every port pin on the processor can request interrupts in either
an edge-sensitive or a level-sensitive manner with programma-
ble polarity. Interrupt functionality is decoupled from GPIO
operation. Three system-level interrupt channels (PINT0–3) are
reserved for this purpose. Each of these interrupt channels can
manage up to 32 interrupt pins. The assignment from pin to
interrupt is not performed on a pin-by-pin basis. Rather, groups
of eight pins (half ports) can be flexibly assigned to interrupt
channels.
Every pin interrupt channel features a special set of 32-bit mem-
ory-mapped registers that enable half-port assignment and
interrupt management. This includes masking, identification,
and clearing of requests. These registers also enable access to the
respective pin states and use of the interrupt latches, regardless
of whether the interrupt is masked or not. Most control registers
feature multiple MMR address entries to write-one-to-set or
write-one-to-clear them individually.
Pin Multiplexing
The processor supports a flexible multiplexing scheme that mul-
tiplexes the GPIO pins with various peripherals. A maximum of
4 peripherals plus GPIO functionality is shared by each GPIO
pin. All GPIO pins have a bypass path feature—that is, when the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com