Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 7Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 8Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 9Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 10Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 11Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 12Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 13Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 14Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
Rev. A
|
Page 11 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Serial Peripheral Interface (SPI) Ports
The processors have three industry-standard SPI-compatible
ports that allow it to communicate with multiple SPI-compati-
ble devices.
The baseline SPI peripheral is a synchronous, four-wire inter-
face consisting of two data pins, one device select pin, and a
gated clock pin. The two data pins allow full-duplex operation
to other SPI-compatible devices. An additional two (optional)
data pins are provided to support quad SPI operation. Enhanced
modes of operation such as flow control, fast mode, and dual
I/O mode (DIOM) are also supported. In addition, a direct
memory access (DMA) mode allows for transferring several
words with minimal CPU interaction.
With a range of configurable options, the SPI ports provide a
glueless hardware interface with other SPI-compatible devices
in master mode, slave mode, and multimaster environments.
The SPI peripheral includes programmable baud rates, clock
phase, and clock polarity. The peripheral can operate in a multi-
master environment by interfacing with several other devices,
acting as either a master device or a slave device. In a multimas-
ter environment, the SPI peripheral uses open-drain outputs to
avoid data bus contention. The flow control features enable slow
slave devices to interface with fast master devices by providing
an SPI Ready pin which flexibly controls the transfers.
The SPI port’s baud rate and clock phase/polarities are pro-
grammable, and it has integrated DMA channels for both
transmit and receive data streams.
SPI Host Port (SPIHP)
The processor includes one SPI host port which may be used in
conjunction with any available SPI port to enhance its SPI slave
mode capabilities. The SPIHP allows a SPI host device access to
memory-mapped resources of the processor through a SPI
SRAM/FLASH style protocol. The following features are
included:
• Direct read/write of memory and memory-mapped
registers
• Support for pre-fetch for faster reads
• Support for SPI controllers that implement hardware-
based SPI memory protocol
• Error capture and reporting for protocol errors, bus errors,
and over/underflow
UART Ports
The processor provides two full-duplex universal asynchronous
receiver/transmitter (UART) ports, which are fully compatible
with PC-standard UARTs. Each UART port provides a simpli-
fied UART interface to other peripherals or hosts, supporting
full-duplex, DMA-supported, asynchronous transfers of serial
data. A UART port includes support for five to eight data bits,
and none, even, or odd parity. Optionally, an additional address
bit can be transferred to interrupt only addressed nodes in
multi-drop bus (MDB) systems. A frame is terminated by a con-
figurable number of stop bits.
The UART ports support automatic hardware flow control
through the clear to send (CTS) input and request to send (RTS)
output with programmable assertion FIFO levels.
To help support the local interconnect network (LIN) protocols,
a special command causes the transmitter to queue a break
command of programmable bit length into the transmit buffer.
Similarly, the number of stop bits can be extended by a pro-
grammable inter-frame space.
The capabilities of the UARTs are further extended with sup-
port for the Infrared Data Association (IrDA®) serial infrared
physical layer link specification (SIR) protocol.
2-Wire Controller Interface (TWI)
The processor includes a 2-wire interface (TWI) module for
providing a simple exchange method of control data between
multiple devices. The TWI module is compatible with the
widely used I2C bus standard. The TWI module offers the
capabilities of simultaneous master and slave operation and
support for both 7-bit addressing and multimedia data arbitra-
tion. The TWI interface utilizes two pins for transferring clock
(TWI_SCL) and data (TWI_SDA) and supports the protocol at
speeds up to 400k bits/sec. The TWI interface pins are compati-
ble with 5 V logic levels.
Additionally, the TWI module is fully compatible with serial
camera control bus (SCCB) functionality for easier control of
various CMOS camera sensor devices.
Mobile Storage Interface (MSI)
The mobile storage interface (MSI) controller acts as the host
interface for multimedia cards (MMC), secure digital memory
cards (SD), and secure digital input/output cards (SDIO). The
following list describes the main features of the MSI controller:
• Support for a single MMC, SD memory, and SDIO card
• Support for 1-bit and 4-bit SD modes
• Support for 1-bit, 4-bit, and 8-bit MMC modes
• Support for eMMC 4.5 embedded NAND flash devices
• Support for power management and clock control
• An eleven-signal external interface with clock, command,
optional interrupt, and up to eight data lines
• Card interface clock generation from SCLK0 or SCLK1
• SDIO interrupt and read wait features
Controller Area Network (CAN)
A CAN controller implements the CAN 2.0B (active) protocol.
This protocol is an asynchronous communications protocol
used in both industrial and automotive control systems. The
CAN protocol is well suited for control applications due to its
capability to communicate reliably over a network. This is
because the protocol incorporates CRC checking, message error
tracking, and fault node confinement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com