Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 71 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 67Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 68Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 69Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 70Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 71Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 72Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 73Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 74Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 116 page
background image
Rev. A
|
Page 71 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
DDR2 SDRAM Read Cycle Timing
Table 40 and Figure 18 show DDR2 SDRAM read cycle timing, related to the dynamic memory controller (DMC).
Table 40. DDR2 SDRAM Read Cycle Timing, VDD_DMC Nominal 1.8 V
200 MHz1
1 To ensure proper operation of the DDR2, all the DDR2 guidelines have to be strictly followed.
Parameter
Min
Max
Unit
Timing Requirements
tDQSQ
DMC0_DQS-DMC0_DQ Skew for DMC0_DQS and Associated DMC0_
DQ Signals
0.35
ns
tQH
DMC0_DQ, DMC0_DQS Output Hold Time From DMC0_DQS
1.8
ns
tRPRE
Read Preamble
0.9
tCK
tRPST
Read Postamble
0.4
tCK
Figure 18. DDR2 SDRAM Controller Input AC Timing
DMC0_CKx
DMC0_DQSn
tRPRE
tDQSQ
tDQSQ
tQH
tRPST
DMC0_DQx
DMC0_CKx
DMC0_DQSn
tQH
DMC0_Ax
DMC0 CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com