Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 55 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 51Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 52Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 53Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 54Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 55Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 56Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 57Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 58Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
Rev. A
|
Page 55 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
IDD_HIBERNATE
17, 19 Hibernate State Current
VDD_INT = 0 V,
VDD_DMC = 1.8 V,
VDD_EXT = VDD_HADC = VDD_OTP = 
VDD_RTC = VDD_USB = 3.3 V,
TJ = 25°C,
fCLKIN = 0
33
A
IDD_HIBERNATE
17, 19 Hibernate State Current
Without USB
VDD_INT = 0 V,
VDD_DMC = 1.8 V,
VDD_EXT = VDD_HADC = VDD_OTP = 
VDD_RTC = VDD_USB = 3.3 V,
TJ = 25°C,
fCLKIN = 0,
USB protection disabled
(USB_PHY_CTLDIS = 1)
15
A
IDD_INT
18
VDD_INT Current
VDD_INT within operating conditions
table specifications
See IDDINT_TOT
equation on
on Page 56
mA
IDD_RTC
IDD_RTC Current
VDD_RTC = 3.3 V, TJ = 125°C
10
A
1 Applies to all output and bidirectional signals except DMC0 signals, TWI signals, and USB0 signals.
2 Applies to DMC0_Axx, DMC0_CAS, DMC0_CKE, DMC0_CK, DMC0_CK, DMC0_CS, DMC0_DQxx, DMC0_LDM, DMC0_LDQS, DMC0_LDQS, 
DMC0_ODT, DMC0_RAS, DMC0_UDM, DMC0_UDQS, DMC0_UDQS, and DMC0_WE signals.
3 Applies to all output and bidirectional signals except DMC0 signals and USB0 signals.
4 Applies to SMC0_ARDY, SYS_BMODEx, SYS_CLKIN, SYS_HWRST, JTG_TDI, and JTG_TMS_SWDIO signals.
5 Applies to DMC0_VREF signal.
6 Applies to JTG_TCK_SWCLK and JTG_TRST signals.
7 Applies to SMC0_ARDY, SYS_BMODEx, SYS_CLKIN, SYS_HWRST, JTG_TCK, and JTG_TRST signals.
8 Applies to JTG_TDI, JTG_TMS_SWDIO, PA_xx, PB_xx, and PC_xx signals when internal GPIO pull-ups are enabled. For information on when internal pull-ups are enabled
for GPIOs. See ADSP-BF70x Designer Quick Reference on Page 38.
9 Applies to USB0_CLKIN signal.
10Applies to PA_xx, PB_xx, PC_xx, SMC0_AMS0, SMC0_ARE, SMC0_AWE, SMC0_A0E, SMC0_Axx, SMC0_Dxx, SYS_FAULT, JTG_TDO_SWO, USB0_DM, USB0_DP,
USB0_ID, and USB0_VBC signals.
11 Applies to DMC0_Axx, DMC0_BAxx, DMC0_CAS, DMC0_CS0, DMC0_DQxx, DMC0_LDQS, DMC0_LDQS, DMC0_UDQS, DMC0_UDQS, DMC0_LDM, DMC0_
UDM, DMC0_ODT, DMC0_RAS, and DMC0_WE signals.
12Applies to PA_xx, PB_xx, PC_xx, SMC0_A0E, SMC0_Axx, SMC0_Dxx, SYS_FAULT, JTG_TDO_SWO, USB0_DM, USB0_DP, USB0_ID, USB0_VBC, USB0_VBUS, 
DMC0_Axx, DMC0_BAx, DMC0_CAS, DMC0_CS0, DMC0_DQxx, DMC0_LDQS, DMC0_LDQS, DMC0_UDQS, DMC0_UDQS, DMC0_LDM, 
DMC0_UDM, DMC0_ODT, DMC0_RAS, DMC0_WE, and TWI signals.
13Applies to USB0_VBUS signals.
14Applies to all TWI signals.
15Applies to all signals, except DMC0 and TWI signals.
16Applies to all DMC0 signals.
17See the ADSP-BF70x Blackfin+ Processor Hardware Reference for definition of deep sleep and hibernate operating modes.
18Additional information can be found at Total Internal Power Dissipation.
19Applies to VDD_EXT, VDD_DMC, and VDD_USB supply signals only. Clock inputs are tied high or low.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com