Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 59 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 55Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 56Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 57Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 58Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 59Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 60Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 61Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 62Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 116 page
background image
Rev. A
|
Page 59 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
PACKAGE INFORMATION
The information presented in Figure 7 and Table 27 provides
details about package branding. For a complete listing of prod-
uct availability, see the Ordering Guide.
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 28 may cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
ESD SENSITIVITY
Figure 7. Product Information on Package1
1 Exact brand may differ, depending on package type.
Table 27. Package Brand Information
Brand Key
Field Description
ADSP-BF70x
Product model
t
Temperature range
pp
Package type
Z
RoHS compliant designation
ccc
See Ordering Guide
vvvvvv.x
Assembly lot code
n.n
Silicon revision
yyww
Date code
Table 28. Absolute Maximum Ratings
Parameter
Rating
Internal Supply Voltage (VDD_INT)
–0.33 V to +1.20 V
External (I/O) Supply Voltage (VDD_EXT) –0.33 V to +3.60 V
DDR2 Controller Supply Voltage
(VDD_DMC)
–0.33 V to +1.90 V
USB PHY Supply Voltage (VDD_USB)
–0.33 V to +3.60 V
Real-Time Clock Supply Voltage
(VDD_RTC)
–0.33 V to +3.60 V
Housekeeping ADC Supply Voltage
(VDD_HADC)
–0.33 V to +3.60 V
One-Time Programmable Memory
Supply Voltage (VDD_OTP)
–0.33 V to +3.60 V
HADC Reference Voltage (VHADC_REF)
–0.33 V to +3.60 V
tppZccc
ADSP-BF70x
a
#yyww country_of_origin
B
vvvvvv.x n.n
DDR2 Reference Voltage (VDDR_REF)
–0.33 V to +1.90 V
Input Voltage
1, 2
–0.33 V to +3.60 V
TWI Input Voltage2, 3
–0.33 V to +5.50 V
USB0_Dx Input Voltage
4
–0.33 V to +5.25 V
USB0_VBUS Input Voltage5
–0.33 V to +6 V
DDR2 Input Voltage
5
–0.33 V to +1.90 V
Output Voltage Swing
–0.33 V to VDD_EXT + 0.5 V
IOH/IOL Current per Signal
1
4 mA (max)
Storage Temperature Range
–65°C to +150°C
Junction Temperature While Biased
+125°C
1 Applies to 100% transient duty cycle.
2 Applies only when V
DD_EXT is within specifications. When VDD_EXT is outside
specifications, the range is VDD_EXT ± 0.2 V.
3 Applies to balls TWI_SCL and TWI_SDA.
4 If the USB is not used, connect USB0_Dx and USB0_VBUS according to Table 15
on Page 38.
5 Applies only when VDD_DMC is within specifications. When VDD_DMC is outside
specifications, the range is VDD_DMC ± 0.2 V.
Table 28. Absolute Maximum Ratings (Continued)
Parameter
Rating
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com