Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 51 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 47Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 48Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 49Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 50Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 51Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 52Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 53Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 54Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
Rev. A
|
Page 51 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Clock Related Operating Conditions
Table 17 and Table 18 describe the core clock, system clock, and peripheral clock timing requirements. The data presented in the tables
applies to all speed grades (found in the Ordering Guide) except where expressly noted. Figure 6 provides a graphical representation of the
various clocks and their available divider values.
Table 16. TWI_VSEL Selections and VDD_EXT/VBUSTWI
TWI_DT Setting
VDD_EXT Nominal
VBUSTWI Min
VBUSTWI Nominal
VBUSTWI Max
Unit
TWI000
1
3.30
3.13
3.30
3.47
V
TWI001
1.80
1.70
1.80
1.90
V
TWI011
1.80
3.13
3.30
3.47
V
TWI100
3.30
4.75
5.00
5.25
V
1 Designs must comply with the VDD_EXT and VBUSTWI voltages specified for the default TWI_DT setting for correct JTAG boundary scan operation during reset.
Table 17. Core and System Clock Operating Conditions
Parameter
Ratio Restriction
PLLCLK Restriction
Min
Max
Unit
fCCLK
Core Clock Frequency
fCCLK ≥ fSYSCLK
PLLCLK = 800
400
MHz
fCCLK
Core Clock Frequency
fCCLK ≥ fSYSCLK
600 ≤ PLLCLK < 800
390
MHz
fCCLK
Core Clock Frequency
fCCLK ≥ fSYSCLK
380 ≤ PLLCLK < 600
380
MHz
fCCLK
Core Clock Frequency
fCCLK ≥ fSYSCLK
230.2 ≤ PLLCLK < 380
PLLCLK
MHz
fSYSCLK
SYSCLK Frequency
1
1 The minimum frequency for SYSCLK and SCLK0 applies only when the USB is used.
PLLCLK = 800
60
200
MHz
fSYSCLK
SYSCLK Frequency
1
600 ≤ PLLCLK < 800
60
195
MHz
fSYSCLK
SYSCLK Frequency
1
380 ≤ PLLCLK < 600
60
190
MHz
fSYSCLK
SYSCLK Frequency
1
230.2 ≤ PLLCLK < 380
60
PLLCLK ÷ 2
MHz
fSCLK0
SCLK0 Frequency1
fSYSCLK ≥ fSCLK0
30
100
MHz
fSCLK1
SCLK1 Frequency
fSYSCLK ≥ fSCLK1
200
MHz
fDCLK
DDR2 Clock Frequency
fSYSCLK ≥ fDCLK
125
200
MHz
fDCLK
LPDDR Clock Frequency
fSYSCLK ≥ fDCLK
10
200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com