Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 91 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 87Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 88Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 89Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 90Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 91Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 92Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 93Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 94Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
Rev. A
|
Page 91 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Table 58. SPI Port—ODM Slave Mode
Parameter
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Min
Max
Min
Max
Unit
Switching Characteristics
tHDSPIODMS
SPI_CLK Edge to High Impedance from Data Out Valid
2.5
2.5
ns
tDDSPIODMS
SPI_CLK Edge to Data Out Valid from High Impedance
17.5
14.5
ns
Figure 36. ODM Slave
tHDSPIODMS
tDDSPIODMS
tDDSPIODMS
tHDSPIODMS
SPI_CLK
(CPOL = 0)
SPI_CLK
(CPOL = 1)
OUTPUT
(CPHA = 1)
OUTPUT
(CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com