| Electronic Components Datasheet Search |
|
ADSP-BF705BBCZ-4 Datasheet(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-BF705BBCZ-4 Datasheet(HTML) 47 Page - Analog Devices |
|
47 / 116 page ![]() Rev. A | Page 47 of 116 | September 2015 ADSP-BF700/701/702/703/704/705/706/707 PC_13 I/O A none none none none none VDD_EXT Desc: SPT1 Channel B Data 1 | MSI0 Data 7 Notes: An external pull-up may be required for MSI modes, see the MSI chapter in the hardware reference for details. PC_14 I/O A none none none none none VDD_EXT Desc: SPT1 Channel B Transmit Data Valid | MSI0 eSDIO Interrupt Input Notes: No notes. RTC0_CLKIN a na none none none none none VDD_RTC Desc: RTC0 Crystal input / external oscil- lator connection Notes: If RTC is not used, connect to ground. RTC0_XTAL a na none none none none none VDD_RTC Desc: RTC0 Crystal output Notes: No notes. SYS_BMODE0 I/O na none none none none none VDD_EXT Desc: SYS Boot Mode Control 0 Notes: A pull-down is required for setting to 0 and a pull-up is required for setting to 1. SYS_BMODE1 I/O na none none none none none VDD_EXT Desc: SYS Boot Mode Control 1 Notes: A pull-down is required for setting to 0 and a pull-up is required for setting to 1. SYS_CLKIN a na none none none none none VDD_EXT Desc: SYS Clock/Crystal Input Notes: No notes. SYS_CLKOUT I/O A none none L none none VDD_EXT Desc: SYS Processor Clock Output Notes: During reset, SYS_CLKOUT drives out SYS_CLKIN Frequency. SYS_EXTWAKE I/O A none none H none L VDD_EXT Desc: SYS External Wake Control Notes: Drives low during hibernate and high all other times including reset. SYS_FAULT I/O A none none none none none VDD_EXT Desc: SYS Complementary Fault Output Notes: Open drain, requires an external pull-up resistor. SYS_HWRST I/O na none none none none none VDD_EXT Desc: SYS Processor Hardware Reset Control Notes: Active during reset, must be externally driven. SYS_NMI I/O na none none none none none VDD_EXT Desc: SYS Non-maskable Interrupt Notes: Requires an external pull-up resistor. SYS_RESOUT I/O A none none L none none VDD_EXT Desc: SYS Reset Output Notes: Active during reset. SYS_XTAL a na none none none none none VDD_EXT Desc: SYS Crystal Output Notes: Leave unconnected if an oscil- lator is used to provide SYS_CLKIN. Active during reset. State during hibernate is controlled by DPM_HIB_ DIS. Table 15. ADSP-BF70x Designer Quick Reference (Continued) Signal Name Type Driver Type Int Term Reset Term Reset Drive Hiber Term Hiber Drive Power Domain Description and Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |