Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 79 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 75Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 76Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 77Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 78Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 79Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 80Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 81Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 82Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
Rev. A
|
Page 79 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Serial Ports
To determine whether serial port (SPORT) communication is possible between two devices at clock speed n, the following specifications
must be confirmed: 1) frame sync delay and frame sync setup and hold, 2) data delay and data setup and hold, and 3) serial clock 
(SPT_CLK) width. In Figure 27 either the rising edge or the falling edge of SPT_CLK (external or internal) can be used as the active
sampling edge.
When externally generated the SPORT clock is called fSPTCLKEXT:
When internally generated, the programmed SPORT clock (fSPTCLKPROG) frequency in MHz is set by the following equation where CLKDIV
is a field in the SPORT_DIV register that can be set from 0 to 65,535:
Table 49. Serial Ports—External Clock
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tSFSE
Frame Sync Setup Before SPT_CLK
(Externally Generated Frame Sync in Either
Transmit or Receive Mode)1
1 Referenced to sample edge.
1.5
1
ns
tHFSE
Frame Sync Hold After SPT_CLK
(Externally Generated Frame Sync in Either
Transmit or Receive Mode)
1
33
ns
tSDRE
Receive Data Setup Before Receive SPT_CLK
1
1.5
1
ns
tHDRE
Receive Data Hold After SPT_CLK
1
33
ns
tSCLKW
SPT_CLK Width2
2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external SPT_CLK. For the external
SPT_CLK ideal maximum frequency, see the fSPTCLKEXT specification in Table 18 on Page 52 in Clock Related Operating Conditions.
(0.5 × tSPTCLKEXT) – 1
(0.5 × tSPTCLKEXT) – 1
ns
tSPTCLKE
SPT_CLK Period2
tSPTCLKEXT – 1
tSPTCLKEXT – 1
ns
Switching Characteristics
tDFSE
Frame Sync Delay After SPT_CLK
(Internally Generated Frame Sync in Either
Transmit or Receive Mode)
3
3 Referenced to drive edge.
18
15
ns
tHOFSE
Frame Sync Hold After SPT_CLK
(Internally Generated Frame Sync in Either
Transmit or Receive Mode)3
2.5
2.5
ns
tDDTE
Transmit Data Delay After Transmit SPT_CLK
3
18
15
ns
tHDTE
Transmit Data Hold After Transmit SPT_CLK
3
2.5
2.5
ns
tSPTCLKEXT
1
fSPTCLKEXT
-------------------------------
=
fSPTCLKPROG
fSCLK0
CLKDIV
1
+

-------------------------------------
=
tSPTCLKPROG
1
fSPTCLKPROG
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com