Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 56 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 52Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 53Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 54Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 55Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 56Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 57Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 58Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 59Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
Rev. A
|
Page 56 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Total Internal Power Dissipation
Total power dissipation has two components:
1. Static, including leakage current (deep sleep)
2. Dynamic, due to transistor switching characteristics for
each clock domain
Many operating conditions can also affect power dissipation,
including temperature, voltage, operating frequency, and pro-
cessor activity. The following equation describes the internal
current consumption.
IDDINT_TOT = IDDINT_DEEPSLEEP + IDDINT_CCLK_DYN +
IDDINT_PLLCLK_DYN + IDDINT_SYSCLK_DYN + 
IDDINT_SCLK0_DYN + IDDINT_SCLK1_DYN + 
IDDINT_DCLK_DYN + IDDINT_DMA_DR_DYN + 
IDDINT_USBCLK_DYN
IDDINT_DEEPSLEEP is the only item present that is part of the static
power dissipation component. IDDINT_DEEPSLEEP is specified as a
function of voltage (VDD_INT) and temperature (see Table 21).
There are eight different items that contribute to the dynamic
power dissipation. These components fall into three broad cate-
gories: application-dependent currents, clock currents, and data
transmission currents.
Application-Dependent Current
The application-dependent currents include the dynamic cur-
rent in the core clock domain.
Core clock (CCLK) use is subject to an activity scaling factor
(ASF) that represents application code running on the processor
cores and L1/L2 memories (Table 22). The ASF is combined
with the CCLK frequency and VDD_INT dependent data in
Table 23 to calculate this portion.
IDDINT_CCLK_DYN (mA) = Table 23 × ASF
Clock Current
The dynamic clock currents provide the total power dissipated
by all transistors switching in the clock paths. The power dissi-
pated by each clock domain is dependent on voltage (VDD_INT),
operating frequency and a unique scaling factor.
IDDINT_PLLCLK_DYN (mA) = 0.012 × fPLLCLK (MHz) × VDD_INT (V)
IDDINT_SYSCLK_DYN (mA) = 0.120 × fSYSCLK (MHz) × VDD_INT (V)
IDDINT_SCLK0_DYN (mA) = 0.110 × fSCLK0 (MHz) × VDD_INT (V)
IDDINT_SCLK1_DYN (mA) = 0.068 × fSCLK1 (MHz) × VDD_INT (V)
IDDINT_DCLK_DYN (mA) = 0.055 × fDCLK (MHz) × VDD_INT (V)
The dynamic component of the USB clock is a unique case. The
USB clock contributes a near constant current value when used.
Data Transmission Current
The data transmission current represents the power dissipated
when transmitting data. This current is expressed in terms of
data rate. The calculation is performed by adding the data rate
(MB/s) of each DMA-driven access to peripherals, L1, L2, and
external memory. This number is then multiplied by a weighted
data-rate coefficient and VDD_INT:
IDDINT_DMADR_DYN (mA) = Weighted DRC × Total Data Rate
(MB/s) × VDD_INT (V)
A weighted data-rate coefficient is used because different coeffi-
cients exist depending on the source and destination of the
transfer. For details on using this equation and calculating the
weighted DRC, see the related Engineer Zone material. For a
quick maximum calculation, the weighted DRC can be assumed
to be 0.0497, which is the coefficient for L1 to L1 transfers.
Table 20. IDDINT_USBCLK_DYN Current
Is USB Enabled?
IDDINT_USBCLK_DYN (mA)
Yes – High-Speed Mode
13.94
Yes – Full-Speed Mode
10.83
Yes – Suspend Mode
5.2
No
0.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com