Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 10Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 11Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 12Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 13Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 14Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 15Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 16Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 17Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
Rev. A
|
Page 14 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Power Management
As shown in Table 4, the processor supports multiple power
domains, which maximizes flexibility while maintaining com-
pliance with industry standards and conventions. There are no
sequencing requirements for the various power domains, but all
domains must be powered according to the appropriate Specifi-
cations table for processor operating conditions; even if the
feature/peripheral is not used.
The dynamic power management feature of the processor
allows the processor’s core clock frequency (fCCLK) to be dynam-
ically controlled.
The power dissipated by a processor is largely a function of its
clock frequency and the square of the operating voltage. For
example, reducing the clock frequency by 25% results in a 25%
reduction in dynamic power dissipation.
See Table 5 for a summary of the power settings for each mode.
Full-On Operating Mode—Maximum Performance
In the full-on mode, the PLL is enabled and is not bypassed,
providing capability for maximum operational frequency. This
is the power-up default execution state in which maximum per-
formance can be achieved. The processor core and all enabled
peripherals run at full speed.
Deep Sleep Operating Mode—Maximum Dynamic Power
Savings
The deep sleep mode maximizes dynamic power savings by dis-
abling the clocks to the processor core and to all synchronous
peripherals. Asynchronous peripherals may still be running but
cannot access internal resources or external memory.
Hibernate State—Maximum Static Power Savings
The hibernate state maximizes static power savings by disabling
the voltage and clocks to the processor core and to all of the
peripherals. This setting signals the external voltage regulator
supplying the VDD_INT pins to shut off using the SYS_
EXTWAKE signal, which provides the lowest static power
dissipation.
Any critical information stored internally (for example, mem-
ory contents, register contents, and other information) must be
written to a nonvolatile storage device (or self-refreshed
DRAM) prior to removing power if the processor state is to be
preserved.
Because the VDD_EXT pins can still be supplied in this mode, all of
the external pins three-state, unless otherwise specified. This
allows other devices that may be connected to the processor to
still have power applied without drawing unwanted current.
Reset Control Unit
Reset is the initial state of the whole processor or the core and is
the result of a hardware- or software-triggered event. In this
state, all control registers are set to their default values and func-
tional units are idle. Exiting a full system reset starts with the
core being ready to boot.
The reset control unit (RCU) controls how all the functional
units enter and exit reset. Differences in functional require-
ments and clocking constraints define how reset signals are
generated. Programs must guarantee that none of the reset
functions puts the system into an undefined state or causes
resources to stall. This is particularly important when the core is
reset (programs must ensure that there is no pending system
activity involving the core when it is being reset).
From a system perspective, reset is defined by both the reset tar-
get and the reset source described as follows in the following list.
Table 3. Clock Dividers
Clock Source
Divider (if Available on
SYS_CLKOUT)
CCLK (Core Clock)
By 16
SYSCLK (System Clock)
By 8
SCLK0 (System Clock, All Periph-
erals not Covered by SCLK1)
Not available on SYS_CLKOUT
SCLK1 (System Clock for Crypto
Engines and MDMA)
By 8
DCLK (LPDDR/DDR2 Clock)
By 8
OCLK (Output Clock)
Programmable
CLKBUF
None, direct from SYS_CLKIN
Table 4. Power Domains
Power Domain
VDD Range
All Internal Logic
VDD_INT
DDR2/LPDDR
VDD_DMC
USB
VDD_USB
OTP Memory
VDD_OTP
HADC
VDD_HADC
RTC
VDD_RTC
All Other I/O (Includes SYS, JTAG, and Ports Pins)
VDD_EXT
Table 5. Power Settings
Mode/State PLL
PLL
Bypassed fCCLK
fSYSCLK,
fDCLK,
fSCLK0,
fSCLK1
Core
Power
Full On
Enabled
No
Enabled Enabled
On
Deep Sleep
Disabled —
Disabled Disabled
On
Hibernate
Disabled —
Disabled Disabled
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com