Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 3Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 4Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 5Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 6Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 7Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 8Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 9Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 10Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
Rev. A
|
Page 7 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
output enable and the input enable of a GPIO pin are both
active, the data signal before the pad driver is looped back to the
receive path for the same GPIO pin.
MEMORY ARCHITECTURE
The processor views memory as a single unified 4G byte address
space, using 32-bit addresses. All resources, including internal
memory, external memory, and I/O control registers, occupy
separate sections of this common address space. The memory
portions of this address space are arranged in a hierarchical
structure to provide a good cost/performance balance of some
very fast, low-latency core-accessible memory as cache or
SRAM, and larger, lower-cost and performance interface-acces-
sible memory systems. See Figure 3.
Internal (Core-Accessible) Memory
The L1 memory system is the highest-performance memory
available to the Blackfin+ processor core.
The core has its own private L1 memory. The modified Harvard
architecture supports two concurrent 32-bit data accesses along
with an instruction fetch at full processor speed which provides
high-bandwidth processor performance. In the core, a 64K byte
block of data memory partners with an 64K byte memory block
for instruction storage. Each data block is multibanked for effi-
cient data exchange through DMA and can be configured as
SRAM. Alternatively, 16K bytes of each block can be configured
in L1 cache mode. The four-way set-associative instruction
cache and the 2 two-way set-associative data caches greatly
accelerate memory access performance, especially when access-
ing external memories.
The L1 memory domain also features a 8K byte data SRAM
block which is ideal for storing local variables and the software
stack. All L1 memory is protected by a multi-parity-bit concept,
regardless of whether the memory is operating in SRAM or
cache mode.
Outside of the L1 domain, L2 and L3 memories are arranged
using a Von Neumann topology. The L2 memory domain is a
unified instruction and data memory and can hold any mixture
of code and data required by the system design. The L2 memory
domain is accessible by the Blackfin+ core through a dedicated
64-bit interface. It operates at SYSCLK frequency.
The processor features up to 1M byte of L2 SRAM, which is
ECC-protected and organized in eight banks. Individual banks
can be made private to any system master. There is also a
512K byte single-bank ROM in the L2 domain. It contains boot
code, security code, and general-purpose ROM space.
OTP Memory
The processor features 4 kB of one-time-programmable (OTP)
memory which is memory-map accessible. This memory stores
a unique chip identification and is used to support secure-boot
and secure operation.
Figure 3. ADSP-BF706/ADSP-BF707 Internal/External Memory Map
PROCESSOR MEMORY MAP
0x 0810 0000 -
Reserved
DDR2 or LPDDR Memory (256 MB)
Reserved
Static Memory Block 1 (8 KB)
Reserved
Static Memory Block 0 (8 KB)
Reserved
SPI2 Memory (128 MB)
Reserved
OTP Memory (4 KB)
Reserved
STM Memory (4 KB)
System MMR Registers (3 MB)
Core MMR Registers (4 MB)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
L1 Data Block C (8 KB)
L1 Instruction SRAM/Cache (16 KB)
L1 Instruction SRAM (48 KB)
L1 Data Block B SRAM/Cache (16 KB)
L1 Data Block B SRAM (16 KB)
L1 Data Block A SRAM/Cache (16 KB)
L1 Data Block A SRAM (16 KB)
L2 SRAM (1024 KB)
L2 ROM (448 KB)
Boot ROM (64 KB)
0x FFFF FFFF -
0x 9000 0000 -
0x 8000 0000 -
0x 7400 2000 -
0x 7400 0000 -
0x 7000 2000 -
0x 7000 0000 -
0x 4800 0000 -
0x 4000 0000 -
0x 3800 1000 -
0x 3800 0000 -
0x 2030 1000 -
0x 2030 0000 -
0x 2000 0000 -
0x 1FC0 0000 -
0x 11B0 2000 -
0x 11B0 0000 -
0x 11A1 0000 -
0x 11A0 C000 -
0x 11A0 0000 -
0x 1190 8000 -
0x 1190 4000 -
0x 1190 0000 -
0x 1180 8000 -
0x 1180 4000 -
0x 1180 0000 -
0x 0800 0000 -
0x 0408 0000 -
0x 0401 0000 -
0x 0400 0000 -
0x 0000 0000 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com