Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 14Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 15Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 16Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 17Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 18Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 19Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 20Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 21Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
Rev. A
|
Page 18 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
ADSP-BF70x DETAILED SIGNAL DESCRIPTIONS
Table 6 provides a detailed description of each pin.
Table 6. ADSP-BF70x Detailed Signal Descriptions
Port Name
Direction
Description
CAN_RX
Input
Receive. Typically an external CAN transceiver's RX output.
CAN_TX
Output
Transmit. Typically an external CAN transceiver's TX input.
CNT_DG
Input
Count Down and Gate. Depending on the mode of operation this input acts either as a count down
signal or a gate signal Count Down - This input causes the GP counter to decrement Gate - Stops the
GP counter from incrementing or decrementing.
CNT_UD
Input
Count Up and Direction. Depending on the mode of operation this input acts either as a count up
signal or a direction signal Count Up - This input causes the GP counter to increment Direction - Selects
whether the GP counter is incrementing or decrementing.
CNT_ZM
Input
Count Zero Marker. Input that connects to the zero marker output of a rotary device or detects the
pressing of a pushbutton.
DMC_Ann
Output
Address n. Address bus.
DMC_BAn
Output
Bank Address Input n. Defines which internal bank an ACTIVATE, READ, WRITE, or PRECHARGE
command is being applied to on the dynamic memory. Also defines which mode registers (MR, EMR,
EMR2, and/or EMR3) are loaded during the LOAD MODE REGISTER command.
DMC_CAS
Output
Column Address Strobe. Defines the operation for external dynamic memory to perform in
conjunction with other DMC command signals. Connect to the CAS input of dynamic memory.
DMC_CK
Output
Clock. Outputs DCLK to external dynamic memory.
DMC_CK
Output
Clock (Complement). Complement of DMC_CK.
DMC_CKE
Output
Clock enable. Active high clock enables. Connects to the dynamic memory's CKE input.
DMC_CSn
Output
Chip Select n. Commands are recognized by the memory only when this signal is asserted.
DMC_DQnn
I/O
Data n. Bidirectional Data bus.
DMC_LDM
Output
Data Mask for Lower Byte. Mask for DMC_DQ07:DMC_DQ00 write data when driven high. Sampled
on both edges of the data strobe by the dynamic memory.
DMC_LDQS
I/O
Data Strobe for Lower Byte. DMC_DQ07:DMC_DQ00 data strobe. Output with Write Data. Input with
Read Data. May be single-ended or differential depending on register settings.
DMC_LDQS
I/O
Data Strobe for Lower Byte (complement). Complement of LDQS. Not used in single-ended mode.
DMC_ODT
Output
On-die termination. Enables dynamic memory termination resistances when driven high (assuming
the memory is properly configured). ODT is enabled/disabled regardless of read or write commands.
DMC_RAS
Output
Row Address Strobe. Defines the operation for external dynamic memory to perform in conjunction
with other DMC command signals. Connect to the RAS input of dynamic memory.
DMC_UDM
Output
Data Mask for Upper Byte. Mask for DMC_DQ15:DMC_DQ08 write data when driven high. Sampled
on both edges of the data strobe by the dynamic memory.
DMC_UDQS
I/O
Data Strobe for Upper Byte. DMC_DQ15:DMC_DQ08 data strobe. Output with Write Data. Input with
Read Data. May be single-ended or differential depending on register settings.
DMC_UDQS
I/O
Data Strobe for Upper Byte (complement). Complement of UDQSb. Not used in single-ended mode.
DMC_VREF
Input
Voltage Reference. Connect to half of the VDD_DMC voltage.
DMC_WE
Output
Write Enable. Defines the operation for external dynamic memory to perform in conjunction with
other DMC command signals. Connect to the WE input of dynamic memory.
PPI_CLK
I/O
Clock. Input in external clock mode, output in internal clock mode.
PPI_Dnn
I/O
Data n. Bidirectional data bus.
PPI_FS1
I/O
Frame Sync 1 (HSYNC). Behavior depends on EPPI mode. See the EPPI HRM chapter for more details.
PPI_FS2
I/O
Frame Sync 2 (VSYNC). Behavior depends on EPPI mode. See the EPPI HRM chapter for more details.
PPI_FS3
I/O
Frame Sync 3 (FIELD). Behavior depends on EPPI mode. See the EPPI HRM chapter for more details.
HADC_VINn
Input
Analog Input at channel n. Analog voltage inputs for digital conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com