Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 45 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 41Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 42Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 43Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 44Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 45Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 46Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 47Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 48Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
Rev. A
|
Page 45 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
PB_12
I/O
A
none
none
none
none
none
VDD_EXT
Desc: SPI2 Master Out, Slave In | TRACE0
Trace Data 3 | SMC0 Data 12 | SYS Power
Saving Mode Wakeup 2
Notes: If hibernate mode is used, one of
the following must be true during
hibernate. Either this pin must be
actively driven by another IC, or it must
have a pull-up or pull-down.
PB_13
I/O
A
none
none
none
none
none
VDD_EXT
Desc: SPI2 Data 2 | UART1 Request to
Send | TRACE0 Trace Data 2 | SMC0 Data
13
Notes: No notes.
PB_14
I/O
A
none
none
none
none
none
VDD_EXT
Desc: SPI2 Data 3 | UART1 Clear to Send
| TRACE0 Trace Data 1 | SMC0 Data 14
Notes: No notes.
PB_15
I/O
A
none
none
none
none
none
VDD_EXT
Desc: SPI2 Slave Select Output 1 |
TRACE0 Trace Data 0 | SMC0 Data 15 |
SPI2 Slave Select Input
Notes: SPI slave select outputs require a
pull-up when used.
PC_00
I/O
A
none
none
none
none
none
VDD_EXT
Desc: UART1 Transmit | SPT0 Channel A
Data 1 | PPI0 Data 15
Notes: No notes.
PC_01
I/O
A
none
none
none
none
none
VDD_EXT
Desc: UART1 Receive | SPT0 Channel B
Data 1 | PPI0 Data 14 | SMC0 Address 9 |
TM0 Alternate Capture Input 4
Notes: No notes.
PC_02
I/O
A
none
none
none
none
none
VDD_EXT
Desc: UART0 Request to Send | CAN0
Receive | PPI0 Data 13 | SMC0 Address
10 | SYS Power Saving Mode Wakeup 3 |
TM0 Alternate Capture Input 5
Notes: If hibernate mode is used, one of
the following must be true during
hibernate. Either this pin must be
actively driven by another IC, or it must
have a pull-up or pull-down.
PC_03
I/O
A
none
none
none
none
none
VDD_EXT
Desc: UART0 Clear to Send | CAN0
Transmit | PPI0 Data 12 | SMC0 Address
11 | TM0 Alternate Capture Input 0
Notes: No notes.
PC_04
I/O
A
none
none
none
none
none
VDD_EXT
Desc: SPT0 Channel B Clock | SPI0 Clock
| MSI0 Data 1 | SMC0 Address 12 | TM0
Alternate Clock 0
Notes: An external pull-up may be
required for MSI modes, see the MSI
chapter in the hardware reference for
details.
Table 15. ADSP-BF70x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Hiber
Term
Hiber
Drive
Power
Domain
Description
and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com