Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 52 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 48Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 49Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 50Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 51Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 52Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 53Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 54Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 55Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 116 page
background image
Rev. A
|
Page 52 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
Table 18. Peripheral Clock Operating Conditions
Parameter
Restriction
Min
Typ
Max
Unit
fOCLK
Output Clock Frequency
50
MHz
fSYS_CLKOUTJ
SYS_CLKOUT Period Jitter
1, 2
±2
%
fPCLKPROG
Programmed PPI Clock When Transmitting Data and Frame Sync
50
MHz
fPCLKPROG
Programmed PPI Clock When Receiving Data or Frame Sync
50
MHz
fPCLKEXT
External PPI Clock When Receiving Data and Frame Sync3, 4
fPCLKEXT ≤ fSCLK0
50
MHz
fPCLKEXT
External PPI Clock Transmitting Data or Frame Sync3, 4
fPCLKEXT ≤ fSCLK0
50
MHz
fSPTCLKPROG
Programmed SPT Clock When Transmitting Data and Frame Sync
50
MHz
fSPTCLKPROG
Programmed SPT Clock When Receiving Data or Frame Sync
50
MHz
fSPTCLKEXT
External SPT Clock When Receiving Data and Frame Sync
3, 4
fSPTCLKEXT ≤ fSCLK0
50
MHz
fSPTCLKEXT
External SPT Clock Transmitting Data or Frame Sync3, 4
fSPTCLKEXT ≤ fSCLK0
50
MHz
fSPICLKPROG
Programmed SPI Clock When Transmitting Data
50
MHz
fSPICLKPROG
Programmed SPI Clock When Receiving Data
50
MHz
fSPICLKEXT
External SPI Clock When Receiving Data
3, 4
fSPICLKEXT ≤ fSCLK0
50
MHz
fSPICLKEXT
External SPI Clock When Transmitting Data
3, 4
fSPICLKEXT ≤ fSCLK0
50
MHz
fMSICLKPROG
Programmed MSI Clock
50
MHz
1 SYS_CLKOUT jitter is dependent on the application system design including pin switching activity, board layout, and the jitter characteristics of the SYS_CLKIN source. Due
to the dependency on these factors the measured jitter may be higher or lower than this typical specification for each end application.
2 The value in the Typ field is the percentage of the SYS_CLKOUT period.
3 The maximum achievable frequency for any peripheral in external clock mode is dependent on being able to meet the setup and hold times in the ac timing specifications
section for that peripheral. Pay particular attention to setup and hold times for VDD_EXT = 1.8 V which may preclude the maximum frequency listed here.
4 The peripheral external clock frequency must also be less than or equal to the f
SCLK that clocks the peripheral.
Figure 6. Clock Relationships and Divider Values
Table 19. Phase-Locked Loop Operating Conditions
Parameter
Min
Max
Unit
fPLLCLK
PLL Clock Frequency
230.2
800
MHz
CGU_CTL.MSEL
1
PLL Multiplier
8
41
1 The CGU_CTL.MSEL setting must also be chosen to ensure that the fPLLCLK specification is not violated.
SYS_CLKIN
PLL
DCLK
SYSCLK
CCLK
SCLK1
(MDMA1, MDMA2, CRYPTOGRAPHIC ACCELERATORS)
SCLK0
(ALL OTHER PERIPHERALS)
CSEL
(1-32)
SYSSEL
(1-32)
S0SEL
(1-8)
S1SEL
(1-8)
DSEL
(1-32)
OCLK
OSEL
(1-128)
PLLCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com