Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 16Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 17Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 18Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 19Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 20Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 21Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 22Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 23Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
Rev. A
|
Page 20 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
SPT_BCLK
I/O
Channel B Clock. Data and Frame Sync are driven/sampled with respect to this clock. This signal can
be either internally or externally generated.
SPT_BD0
I/O
Channel B Data 0. Primary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_BD1
I/O
Channel B Data 1. Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_BFS
I/O
Channel B Frame Sync. The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_BTDV
Output
Channel B Transmit Data Valid. This signal is optional and only active when SPORT is configured in
multi-channel transmit mode. It is asserted during enabled slots.
SYS_BMODEn
Input
Boot Mode Control n. Selects the boot mode of the processor.
SYS_CLKIN
Input
Clock/Crystal Input. Connect to an external clock source or crystal.
SYS_CLKOUT
Output
Processor Clock Output. Outputs internal clocks. Clocks may be divided down. See the CGU chapter
of the HRM for more details.
SYS_EXTWAKE
Output
External Wake Control. Drives low during hibernate and high all other times. Typically connected to
the enable input of the voltage regulator controlling the VDD_INT supply.
SYS_FAULT
I/O
Active-Low Fault Output. Indicates internal faults or senses external faults depending on the
operating mode.
SYS_HWRST
Input
Processor Hardware Reset Control. Resets the device when asserted.
SYS_NMI
Input
Non-maskable Interrupt. See the processor hardware and programming references for more details.
SYS_RESOUT
Output
Reset Output. Indicates that the device is in the reset or hibernate state.
SYS_WAKEn
Input
Power Saving Mode Wakeup n. Wake-up source input for deep sleep and/or hibernate mode.
SYS_XTAL
Output
Crystal Output. Drives an external crystal. Must be left unconnected if an external clock is driving
CLKIN.
JTG_SWCLK
I/O
Serial Wire Clock. Clocks data into and out of the target during debug.
JTG_SWDIO
I/O
Serial Wire DIO. Sends and receives serial data to and from the target during debug.
JTG_SWO
Output
Serial Wire Out. Provides trace data to the emulator.
JTG_TCK
Input
JTAG Clock. JTAG test access port clock.
JTG_TDI
Input
JTAG Serial Data In. JTAG test access port data input.
JTG_TDO
Output
JTAG Serial Data Out. JTAG test access port data output.
JTG_TMS
Input
JTAG Mode Select. JTAG test access port mode select.
JTG_TRST
Input
JTAG Reset. JTAG test access port reset.
TM_ACIn
Input
Alternate Capture Input n. Provides an additional input for WIDCAP, WATCHDOG, and PININT modes.
TM_ACLKn
Input
Alternate Clock n. Provides an additional time base for use by an individual timer.
TM_CLK
Input
Clock. Provides an additional global time base for use by all the GP timers.
TM_TMRn
I/O
Timer n. The main input/output signal for each timer.
TRACE_CLK
Output
Trace Clock. Clock output.
TRACE_Dnn
Output
Trace Data n. Unidirectional data bus.
TWI_SCL
I/O
Serial Clock. Clock output when master, clock input when slave.
TWI_SDA
I/O
Serial Data. Receives or transmits data.
UART_CTS
Input
Clear to Send. Flow control signal.
UART_RTS
Output
Request to Send. Flow control signal.
UART_RX
Input
Receive. Receive input. Typically connects to a transceiver that meets the electrical requirements of
the device being communicated with.
UART_TX
Output
Transmit. Transmit output. Typically connects to a transceiver that meets the electrical requirements
of the device being communicated with.
USB_CLKIN
Input
Clock/Crystal Input. This clock input is multiplied by a PLL to form the USB clock. See data sheet
specifications for frequency/tolerance information.
Table 6. ADSP-BF70x Detailed Signal Descriptions (Continued)
Port Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com