Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF705BBCZ-4 Datasheet HTML 1Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 2Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 3Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 4Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 5Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 6Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 7Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 8Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
Blackfin+ is a trademark of Analog Devices, Inc.; Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin+ Core
Embedded Processor
ADSP-BF700/701/702/703/704/705/706/707
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Blackfin+ core with up to 400 MHz performance
Dual 16-bit or single 32-bit MAC support per cycle
16-bit complex MAC and many other instruction set
enhancements
Instruction set compatible with previous Blackfin products
Low-cost packaging
88-Lead LFCSP_VQ (QFN) package (12 mm × 12 mm),
RoHS compliant
184-Ball CSP_BGA package (12 mm × 12 mm × 0.8 mm
pitch), RoHS compliant
Low system power with < 100 mW core domain power at
400 MHz (< 0.25 mW/MHz) at 25°C TJUNCTION
PERIPHERALS FEATURES
See Figure 1, Processor Block Diagram and Table 1, Processor
Comparison
MEMORY
136 kB L1 SRAM with multi-parity-bit protection
(64 kB instruction, 64 kB data, 8 kB scratchpad)
Large on-chip L2 SRAM with ECC protection
256 kB, 512 kB, 1 MB variants
On-chip L2 ROM (512 kB)
L3 interface (CSP_BGA only) optimized for lowest system
power, providing 16-bit interface to DDR2 or LPDDR DRAM
devices (up to 200 MHz)
Security and one-time-programmable memory
Crypto hardware accelerators
Fast secure boot for IP protection
memDMA encryption/decryption for fast run-time security
Figure 1. Processor Block Diagram
PERIPHERALS
1× RTC
3× MDMA
STREAMS
1× MSI
(SD/SDIO)
2× UART
STATIC MEMORY
CONTROLLER
2× SPORT
1× PPI
8× TIMER
2× CAN
1× COUNTER
1× TWI
1× USB 2.0 HS OTG
GPIO
SYSTEM CONTROL BLOCKS
HARDWARE
FUNCTIONS
EXTERNAL
BUS
INTERFACES
LPDDR
DDR2
SYSTEM FABRIC
EMULATOR
TEST & CONTROL
PLL & POWER
MANAGEMENT
FAULT
MANAGEMENT
EVENT
CONTROL
WATCHDOG
16
MEMORY
PROTECTION
136K BYTE PARITY BIT PROTECTED
L1 SRAM INSTRUCTION/DATA
B
ANALOG
SUB
SYSTEM
CRYPTO ENGINE (SECURITY)
SYSTEM PROTECTION
512K BYTE
ROM
UP TO
1M BYTE SRAM
ECC-PROTECTED
(& DMA MEMORY
PROTECTION)
L2 MEMORY
HADC
OTP
MEMORY
DYNAMIC MEMORY
CONTROLLER
SPI HOST PORT
2× CRC
2x QUAD SPI
1x DUAL SPI


Similar Part No. - ADSP-BF705BBCZ-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF705BBCZ-4 AD-ADSP-BF705BBCZ-4 Datasheet
2Mb / 114P
Blackfin Core Embedded Processor
Rev. D
More results

Similar Description - ADSP-BF705BBCZ-4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
Upward compatible with M68HC11 instruction set
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
SyncMOS Technologies,In...
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
Instruction-set compatible with MCS-51
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
Instruction-set compatible with MCS-51
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
08-Feb-2013
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
26-Mar-2015
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
25-Mar-2015
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com