| Electronic Components Datasheet Search |
|
ADSP-BF705BBCZ-4 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-BF705BBCZ-4 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 116 page ![]() Rev. A | Page 16 of 116 | September 2015 ADSP-BF700/701/702/703/704/705/706/707 Blackfin Low Power Imaging Platform (BLIP) The Blackfin low power imaging platform (BLIP) integrates the ADSP-BF707 Blackfin processor and Analog Devices software code libraries. The code libraries are optimized to detect the presence and behavior of humans or vehicles in indoor and out- door environments. The BLIP hardware platform is delivered preloaded with the occupancy software module. Software Add-Ins for CrossCore Embedded Studio Analog Devices offers software add-ins which seamlessly inte- grate with CrossCore Embedded Studio to extend its capabilities and reduce development time. Add-ins include board support packages for evaluation hardware, various middleware pack- ages, and algorithmic modules. Documentation, help, configuration dialogs, and coding examples present in these add-ins are viewable through the CrossCore Embedded Studio IDE once the add-in is installed. Board Support Packages for Evaluation Hardware Software support for the EZ-KIT Lite evaluation boards and EZ- Extender daughter cards is provided by software add-ins called board support packages (BSPs). The BSPs contain the required drivers, pertinent release notes, and select example code for the given evaluation hardware. A download link for a specific BSP is located on the web page for the associated EZ-KIT or EZ- Extender product. The link is found in the Product Download area of the product web page. Middleware Packages Analog Devices separately offers middleware add-ins such as real time operating systems, file systems, USB stacks, and TCP/IP stacks. For more information, see the following web pages: • www.analog.com/ucos3 • www.analog.com/ucfs • www.analog.com/ucusbd • www.analog.com/lwip Algorithmic Modules To speed development, Analog Devices offers add-ins that per- form popular audio and video processing algorithms. These are available for use with CrossCore Embedded Studio. For more information, visit www.analog.com and search on “Blackfin software modules” or “SHARC software modules”. Designing an Emulator-Compatible DSP Board (Target) For embedded system test and debug, Analog Devices provides a family of emulators. On each DAP-enabled processor, Analog Devices supplies an IEEE 1149.1 JTAG test access port (TAP), serial wire debug port (SWJ-DP), and trace capabilities. In-circuit emulation is facilitated by use of the JTAG or SWD interface. The emulator accesses the processor’s internal fea- tures through the processor’s TAP, allowing the developer to load code, set breakpoints, and view variables, memory, and registers. The emulators require the target board to include a header(s) that supports connection of the processor’s DAP to the emulator for trace and debug. Analog Devices emulators actively drive JTG_TRST high. Third-party emulators may expect a pull-up on JTG_TRST and therefore will not drive JTG_TRST high. When using this type of third-party emulator JTG_TRST must still be driven low during power-up reset, but should subsequently be driven high externally before any emulation or boundary-scan operations. See Power-Up Reset Timing on Page 61 for more information on POR specifications. For more details on target board design issues including mechanical layout, single processor connections, signal buffer- ing, signal termination, and emulator pod logic, contact the factory for more information. ADDITIONAL INFORMATION The following publications that describe the ADSP-BF70x pro- cessors can be accessed electronically on our website: • ADSP-BF70x Blackfin+ Processor Hardware Reference • ADSP-BF70x Blackfin+ Processor Programming Reference • ADSP-BF70x Blackfin+ Processor Anomaly List RELATED SIGNAL CHAINS A signal chain is a series of signal-conditioning electronic com- ponents that receive input (data acquired from sampling either real-time phenomena or from stored data) in tandem, with the output of one portion of the chain supplying input to the next. Signal chains are often used in signal processing applications to gather and process data or to apply system controls based on analysis of real-time phenomena. Analog Devices eases signal processing system development by providing signal processing components that are designed to work together well. A tool for viewing relationships between specific applications and related components is available on the www.analog.com website. The application signal chains page in the Circuits from the Lab ® site (http:\\www.analog.com\circuits) provides: • Graphical circuit block diagram presentation of signal chains for a variety of circuit types and applications • Drill down links for components in each chain to selection guides and application information • Reference designs applying best practice design techniques |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |