Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF705BBCZ-4 Datasheet(PDF) 104 Page - Analog Devices

Part # ADSP-BF705BBCZ-4
Description  Instruction set compatible with previous Blackfin products
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF705BBCZ-4 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADSP-BF705BBCZ-4 Datasheet HTML 100Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 101Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 102Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 103Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 104Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 105Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 106Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 107Page - Analog Devices ADSP-BF705BBCZ-4 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 116 page
background image
Rev. A
|
Page 104 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
TEST CONDITIONS
All timing requirements appearing in this data sheet were mea-
sured under the conditions described in this section. Figure 62
shows the measurement point for ac measurements (except out-
put enable/disable). The measurement point VMEAS is VDD_EXT/2
for VDD_EXT (nominal) = 1.8 V/3.3 V.
Output Enable Time Measurement
Output balls are considered to be enabled when they have made
a transition from a high impedance state to the point when they
start driving.
The output enable time tENA is the interval from the point when
a reference signal reaches a high or low voltage level to the point
when the output starts driving as shown on the right side of
Figure 63.
The time tENA_MEASURED is the interval from when the reference
signal switches to when the output voltage reaches VTRIP (high)
or VTRIP (low). For VDD_EXT (nominal) = 1.8 V, VTRIP (high) is
1.05 V, and VTRIP (low) is 0.75 V. For VDD_EXT (nominal) = 3.3 V,
VTRIP (high) is 1.9 V, and VTRIP (low) is 1.4 V. Time tTRIP is the
interval from when the output starts driving to when the output
reaches the VTRIP (high) or VTRIP (low) trip voltage.
Time tENA is calculated as shown in the equation:
If multiple balls (such as the data bus) are enabled, the measure-
ment value is that of the first ball to start driving.
Output Disable Time Measurement
Output balls are considered to be disabled when they stop driv-
ing, go into a high impedance state, and start to decay from their
output high or low voltage. The output disable time tDIS is the
difference between tDIS_MEASURED and tDECAY as shown on the left
side of Figure 63.
The time for the voltage on the bus to decay by ΔV is dependent
on the capacitive load, CL and the load current, IL. This decay
time can be approximated by the equation:
The time tDECAY is calculated with test loads CL and IL, and with
V equal to 0.25 V for V
DD_EXT (nominal) = 3.3 V and 0.15 V for
VDD_EXT (nominal) = 1.8V.
The time tDIS_MEASURED is the interval from when the reference
signal switches, to when the output voltage decays ΔV from the
measured output high or output low voltage.
Example System Hold Time Calculation
To determine the data output hold time in a particular system,
first calculate tDECAY using the previous equation. Choose ΔV to
be the difference between the processor’s output voltage and the
input threshold for the device requiring the hold time. CL is the
total bus capacitance (per data line), and IL is the total leakage or
three-state current (per data line). The hold time will be tDECAY
plus the various output disable times as specified in the Timing
Specifications on Page 60.
Figure 61. Driver Type B and Device Driver C (DDR Drive Strength 60 Ω)
Figure 62. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable)
Figure 63. Output Enable/Disable
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
SOURCE VOLTAGE (V)
VDD_DMC = 1.9V @ –40°C
VDD_DMC = 1.8V @ 25°C
VDD_DMC = 1.7V @ 125°C
0
2
4
6
8
10
12
14
16
18
20
VOH
INPUT
OR
OUTPUT
VMEAS
VMEAS
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS DRIVING
VOH (MEASURED) 2 DV
VOL (MEASURED) + DV
tDIS_MEASURED
VOH
(MEASURED)
VOL
(MEASURED)
VTRIP (HIGH)
VOH
(MEASURED)
VOL
(MEASURED)
HIGH IMPEDANCE STATE
OUTPUT STOPS DRIVING
tENA
tDECAY
tENA_MEASURED
tTRIP
VTRIP (LOW)
tENA
tENA_MEASURED tTRIP
–
=
tDIS
tDIS_MEASURED tDECAY
–
=
tDECAY
CL V
 I
L
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com