Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 23 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DM504 Datasheet HTML 19Page - Texas Instruments DM504 Datasheet HTML 20Page - Texas Instruments DM504 Datasheet HTML 21Page - Texas Instruments DM504 Datasheet HTML 22Page - Texas Instruments DM504 Datasheet HTML 23Page - Texas Instruments DM504 Datasheet HTML 24Page - Texas Instruments DM504 Datasheet HTML 25Page - Texas Instruments DM504 Datasheet HTML 26Page - Texas Instruments DM504 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
23
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
BOTTOM [1]
BALL NUMBER
TOP [2]
BALL NAME [3]
SIGNAL NAME [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
J8
vdda_gmac_core
vdda_gmac_core
PWR
B16
vdda_osc
vdda_osc
PWR
F11
vdda_per
vdda_per
PWR
A13
F1, J1
vdda_spi
vdda_spi
PWR
E7, F4
vdds18v_ddr2
vdds18v_ddr2
PWR
N13
vdds18v_ddr3
vdds18v_ddr3
PWR
A7, B17, D1, H17,
P1, T17, U8
A11, A20, AB5,
AC20, B3, N2, N22
vdds18_mem
vdds18_mem
PWR
E8, F12, J5, M12
vdds18v
vdds18v
PWR
N6, N7
vdds18v_ddr1
vdds18v_ddr1
PWR
G4, G5, G6, H5
vddshv1
vddshv1
PWR
B1, B2
vddshv2
vddshv2
PWR
E9
vddshv3
vddshv3
PWR
E12, E13
vddshv4
vddshv4
PWR
H13, J13, K13
vddshv5
vddshv5
PWR
N10, N9, P6, P7
vddshv6
vddshv6
PWR
E5, F5, L4, M4,
N11, N12, T1, U14,
U17, U5
AA22, AB13, AB16,
AB19, AC8, B13,
B16, B19, D22,
G22, K22, R22, U2,
V22, W2
vdds_ddr
vdds_ddr
PWR
H6, L10, L6, L9,
M6
vdd_dspeve
vdd_dspeve
PWR
A2, B7, H1, J17,
R1, R17, U10
AA2, AB10, AB21,
B11, B21, C2, L22,
R2
vdd_mem
vdd_mem
PWR
E15
vin1a_clk0
vin1a_clk0
0
I
PD
PD
15
1.8/3.3
vddshv5
Yes
Dual
Voltage
LVCMOS
PU/PD
0
cpi_pclk
1
I
0
clkout0
4
O
gpio1_30
14
IO
Driver off
mcasp3_aclkx
15
I
F13
vin1a_d0
vin1a_d0
0
I
PD
PD
15
1.8/3.3
vddshv5
Yes
Dual
Voltage
LVCMOS
PU/PD
0
cpi_data2
1
I
0
gpio2_3
14
IO
Driver off
mcasp3_axr1
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com