Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 14 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DM504 Datasheet HTML 10Page - Texas Instruments DM504 Datasheet HTML 11Page - Texas Instruments DM504 Datasheet HTML 12Page - Texas Instruments DM504 Datasheet HTML 13Page - Texas Instruments DM504 Datasheet HTML 14Page - Texas Instruments DM504 Datasheet HTML 15Page - Texas Instruments DM504 Datasheet HTML 16Page - Texas Instruments DM504 Datasheet HTML 17Page - Texas Instruments DM504 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
14
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
BOTTOM [1]
BALL NUMBER
TOP [2]
BALL NAME [3]
SIGNAL NAME [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
N23
ddr1_dqm0
ddr1_dqm0
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
L23
ddr1_dqm1
ddr1_dqm1
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB20
ddr1_dqm2
ddr1_dqm2
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
B20
ddr1_dqm3
ddr1_dqm3
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
R23
ddr1_dqs0
ddr1_dqs0
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
J22
ddr1_dqs1
ddr1_dqs1
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB18
ddr1_dqs2
ddr1_dqs2
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
B18
ddr1_dqs3
ddr1_dqs3
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
P22
ddr1_dqsn0
ddr1_dqsn0
0
IO
PU
PU
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
K23
ddr1_dqsn1
ddr1_dqsn1
0
IO
PU
PU
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AC19
ddr1_dqsn2
ddr1_dqsn2
0
IO
PU
PU
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
A19
ddr1_dqsn3
ddr1_dqsn3
0
IO
PU
PU
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
M22
ddr1_ext_vref0
ddr1_ext_vref0
0
PWR
OFF
OFF
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
P2
ddr1_ext_vref1
ddr1_ext_vref1
0
PWR
OFF
OFF
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
Y1
ddr1_nck
ddr1_nck
0
O
PD
drive clk
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
N17
adc_in0
adc_in0
0
A
15
1.8
vdda_adc
NA
GPADC
NA
N16
adc_in1
adc_in1
0
A
15
1.8
vdda_adc
NA
GPADC
NA
N15
adc_in2
adc_in2
0
A
15
1.8
vdda_adc
NA
GPADC
NA
P17
adc_in3
adc_in3
0
A
15
1.8
vdda_adc
NA
GPADC
NA
P16
adc_in4
adc_in4
0
A
15
1.8
vdda_adc
NA
GPADC
NA
M15
adc_in5
adc_in5
0
A
15
1.8
vdda_adc
NA
GPADC
NA
L17
adc_in6
adc_in6
0
A
15
1.8
vdda_adc
NA
GPADC
NA
M14
adc_in7
adc_in7
0
A
15
1.8
vdda_adc
NA
GPADC
NA
L16
adc_vrefp
adc_vrefp
0
A
15
1.8
vdda_adc
NA
GPADC
NA
K12
cap_vddram_core1
cap_vddram_core1
CAP
J10
cap_vddram_core2
cap_vddram_core2
CAP
J9
cap_vddram_dspeve
cap_vddram_dspeve
CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com